Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RA4M1 Datasheet HTML 1Page - Renesas Technology Corp RA4M1 Datasheet HTML 2Page - Renesas Technology Corp RA4M1 Datasheet HTML 3Page - Renesas Technology Corp RA4M1 Datasheet HTML 4Page - Renesas Technology Corp RA4M1 Datasheet HTML 5Page - Renesas Technology Corp RA4M1 Datasheet HTML 6Page - Renesas Technology Corp RA4M1 Datasheet HTML 7Page - Renesas Technology Corp RA4M1 Datasheet HTML 8Page - Renesas Technology Corp RA4M1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 5 of 131
Sep 29, 2023
RA4M1 Group
1. Overview
Table 1.6
Timers
Feature
Functional description
General PWM Timer (GPT)
The General PWM Timer (GPT) is a 32-bit timer with 2 channels and a 16-bit timer with 6
channels. PWM waveforms can be generated by controlling the up-counter, down-counter, or
the up- and down-counter. In addition, PWM waveforms can be generated for controlling
brushless DC motors. The GPT can also be used as a general-purpose timer. See section 22,
General PWM Timer (GPT) in Userʼs Manual.
Port Output Enable for GPT (POEG)
Use the Port Output Enable for GPT (POEG) function to place the General PWM Timer (GPT)
output pins in the output disable state. See section 21, Port Output Enable for GPT (POEG) in
Userʼs Manual.
Low Power Asynchronous General
Purpose Timer (AGT)
The Low Power Asynchronous General Purpose Timer (AGT) is a 16-bit timer that can be used
for pulse output, external pulse width or period measurement, and counting of external events.
This 16-bit timer consists of a reload register and a down-counter. The reload register and the
down-counter are allocated to the same address, and they can be accessed with the AGT
register. See section 23, Low Power Asynchronous General Purpose Timer (AGT) in Userʼs
Manual.
Realtime Clock (RTC)
The Realtime Clock (RTC) has two counting modes, calendar count mode and binary count
mode, that are controlled by the register settings.
For calendar count mode, the RTC has a 100-year calendar from 2000 to 2099 and
automatically adjusts dates for leap years.
For binary count mode, the RTC counts seconds and retains the information as a serial value.
Binary count mode can be used for calendars other than the Gregorian (Western) calendar.
See section 24, Realtime Clock (RTC) in Userʼs Manual.
Table 1.7
Communication interfaces (1 of 2)
Feature
Functional description
Serial Communications Interface
(SCI)
The Serial Communications Interface (SCI) is configurable to five asynchronous and
synchronous serial interfaces:
 Asynchronous interfaces (UART and asynchronous communications interface adapter
(ACIA))
 8-bit clock synchronous interface
 Simple IIC (master-only)
 Simple SPI
 Smart card interface.
The smart card interface complies with the ISO/IEC 7816-3 standard for electronic signals and
transmission protocol.
SCI0 and SCI1 have FIFO buffers to enable continuous and full-duplex communication, and
the data transfer speed can be configured independently using an on-chip baud rate generator.
See section 28, Serial Communications Interface (SCI) in Userʼs Manual.
I2C Bus Interface (IIC)
The 3-channel I2C Bus Interface (IIC) module conforms with and provides a subset of the NXP
I2C bus (Inter-Integrated Circuit bus) interface functions. See section 29, I2C Bus Interface
(IIC) in Userʼs Manual.
Serial Peripheral Interface (SPI)
Two independent Serial Peripheral Interface (SPI) channels are capable of high-speed, full-
duplex synchronous serial communications with multiple processors and peripheral devices.
See section 31, Serial Peripheral Interface (SPI) in Userʼs Manual.
Serial Sound Interface Enhanced
(SSIE)
The Serial Sound Interface Enhanced (SSIE) peripheral provides functionality to interface with
digital audio devices for transmitting PCM audio data over a serial bus with the MCU. The
SSIE supports an audio clock frequency of up to 50 MHz, and can be operated as a slave or
master receiver, transmitter, or transceiver to suit various applications. The SSIE includes 8-
stage FIFO buffers in the receiver and transmitter, and supports interrupts and DMA-driven
data reception and transmission. See section 33, Serial Sound Interface Enhanced (SSIE) in
Userʼs Manual.
Controller Area Network (CAN)
module
The Controller Area Network (CAN) module provides functionality to receive and transmit data
using a message-based protocol between multiple slaves and masters in electromagnetically
noisy applications.
The CAN module complies with the ISO 11898-1 (CAN 2.0A/CAN 2.0B) standard and supports
up to 32 mailboxes, which can be configured for transmission or reception in normal mailbox
and FIFO modes. Both standard (11-bit) and extended (29-bit) messaging formats are
supported. See section 30, Controller Area Network (CAN) Module in Userʼs Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com