Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 50Page - Renesas Technology Corp RA4M1 Datasheet HTML 51Page - Renesas Technology Corp RA4M1 Datasheet HTML 52Page - Renesas Technology Corp RA4M1 Datasheet HTML 53Page - Renesas Technology Corp RA4M1 Datasheet HTML 54Page - Renesas Technology Corp RA4M1 Datasheet HTML 55Page - Renesas Technology Corp RA4M1 Datasheet HTML 56Page - Renesas Technology Corp RA4M1 Datasheet HTML 57Page - Renesas Technology Corp RA4M1 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 54 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
2.2.10
VCC Rise and Fall Gradient and Ripple Frequency
Note 1.
When OFS1.LVDAS = 0.
Note 2.
At boot mode, the reset from voltage monitor 0 is disabled regardless of the value of OFS1.LVDAS bit.
Figure 2.24
Ripple waveform
Table 2.15
Rise and fall gradient characteristics
Conditions: VCC = AVCC0 = 0 to 5.5 V
Parameter
Symbol Min
Typ
Max
Unit
Test conditions
Power-on VCC
rising gradient
Voltage monitor 0 reset disabled at startup (normal
startup)
SrVCC
0.02
-
2
ms/V
-
Voltage monitor 0 reset enabled at startup*1
0.02
-
-
SCI/USB boot mode*2
0.02
-
2
Table 2.16
Rising and falling gradient and ripple frequency characteristics
Conditions: VCC = AVCC0 = VCC_USB = 1.6 to 5.5 V
The ripple voltage must meet the allowable ripple frequency fr(VCC) within the range between the VCC upper limit (5.5 V) and lower limit
(1.6 V).
When VCC change exceeds VCC ±10%, the allowable voltage change rising/falling gradient dt/dVCC must be met.
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Allowable ripple frequency
fr (VCC)
--10
kHz
Figure 2.24
Vr (VCC) ≤ VCC × 0.2
--1
MHz
Figure 2.24
Vr (VCC) ≤ VCC × 0.08
--10
MHz
Figure 2.24
Vr (VCC) ≤ VCC × 0.06
Allowable voltage change rising and
falling gradient
dt/dVCC
1.0
-
-
ms/V
When VCC change exceeds VCC ±10%
Vr(VCC)
VCC
1/fr(VCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com