Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA4M1 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # RA4M1
Description  RA4M1 Group
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 84Page - Renesas Technology Corp RA4M1 Datasheet HTML 85Page - Renesas Technology Corp RA4M1 Datasheet HTML 86Page - Renesas Technology Corp RA4M1 Datasheet HTML 87Page - Renesas Technology Corp RA4M1 Datasheet HTML 88Page - Renesas Technology Corp RA4M1 Datasheet HTML 89Page - Renesas Technology Corp RA4M1 Datasheet HTML 90Page - Renesas Technology Corp RA4M1 Datasheet HTML 91Page - Renesas Technology Corp RA4M1 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 131 page
background image
R01DS0355EJ0110 Rev.1.10
Page 88 of 131
Sep 29, 2023
RA4M1 Group
2. Electrical Characteristics
Note:
The characteristics apply when no pin functions other than 14-bit A/D converter input are used. Absolute accuracy does not
include quantization errors. Offset error, full-scale error, DNL differential nonlinearity error, and INL integral nonlinearity error do
not include quantization errors.
Note 1.
The conversion time is the sum of the sampling time and the comparison time. The number of sampling states is indicated for
the test conditions.
Note 2.
Except for I/O input capacitance (Cin), see section 2.2.4, I/O VOH, VOL, and Other Characteristics.
Conversion time*1
(Operation at
PCLKC = 64 MHz)
Permissible signal
source impedance
Max. = 0.3 kΩ
0.80
-
-
μs
High-precision channel
ADCSR.ADHSC = 0
ADSSTRn.SST[7:0] = 0Dh
1.22
-
-
μs
Normal-precision channel
ADCSR.ADHSC = 0
ADSSTRn.SST[7:0] = 28h
Offset error
-
±2.0
±18
LSB
High-precision channel
±24.0
LSB
Other than above
Full-scale error
-
±3.0
±18
LSB
High-precision channel
±24.0
LSB
Other than above
Quantization error
-
±0.5
-
LSB
-
Absolute accuracy
-
±5.0
±20
LSB
High-precision channel
±32.0
LSB
Other than above
DNL differential nonlinearity error
-
±4.0
-
LSB
-
INL integral nonlinearity error
-
±4.0
±12.0
LSB
-
Table 2.43
A/D conversion characteristics (2) in high-speed A/D conversion mode (1 of 2)
Conditions: VCC = AVCC0 = 2.7 to 5.5 V, VREFH0 = 2.7 to 5.5 V
Reference voltage range applied to the VREFH0 and VREFL0.
Parameter
Min
Typ
Max
Unit
Test conditions
Frequency
1
-
48
MHz
-
Analog input capacitance*2
Cs
-
-
8 (reference data)
pF
High-precision channel
-
-
9 (reference data)
pF
Normal-precision channel
Analog input resistance
Rs
-
-
2.5 (reference data)
kΩ
High-precision channel
-
-
6.7 (reference data)
kΩ
Normal-precision channel
Analog input voltage range
Ain
0
-
VREFH0
V
-
12-bit mode
Resolution
-
-
12
Bit
-
Conversion time*1
(Operation at
PCLKC = 48 MHz)
Permissible signal
source impedance
Max. = 0.3 kΩ
0.94
-
-
μs
High-precision channel
ADCSR.ADHSC = 0
ADSSTRn.SST[7:0] = 0Dh
1.50
-
-
μs
Normal-precision channel
ADCSR.ADHSC = 0
ADSSTRn.SST[7:0] = 28h
Offset error
-
±0.5
±4.5
LSB
High-precision channel
±6.0
LSB
Other than above
Full-scale error
-
±0.75
±4.5
LSB
High-precision channel
±6.0
LSB
Other than above
Quantization error
-
±0.5
-
LSB
-
Absolute accuracy
-
±1.25
±5.0
LSB
High-precision channel
±8.0
LSB
Other than above
DNL differential nonlinearity error
-
±1.0
-
LSB
-
INL integral nonlinearity error
-
±1.0
±3.0
LSB
-
Table 2.42
A/D conversion characteristics (1) in high-speed A/D conversion mode (2 of 2)
Conditions: VCC = AVCC0 = 4.5 to 5.5 V, VREFH0 = 4.5 to 5.5 V
Reference voltage range applied to the VREFH0 and VREFL0.
Parameter
Min
Typ
Max
Unit
Test conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com