Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/F Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RZ/F
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/F Datasheet(HTML) 3 Page - Renesas Technology Corp

  RZ/F Datasheet HTML 1Page - Renesas Technology Corp RZ/F Datasheet HTML 2Page - Renesas Technology Corp RZ/F Datasheet HTML 3Page - Renesas Technology Corp RZ/F Datasheet HTML 4Page - Renesas Technology Corp RZ/F Datasheet HTML 5Page - Renesas Technology Corp RZ/F Datasheet HTML 6Page - Renesas Technology Corp RZ/F Datasheet HTML 7Page - Renesas Technology Corp RZ/F Datasheet HTML 8Page - Renesas Technology Corp RZ/F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
RZ/Five Group
1. Overview
R01DS0488EJ0110 Rev.1.10
Page 3 of 65
Jun 30, 2025
1.1.2
CPU Peripheral
Item
Description
Clock Pulse Generator
(CPG)
[RZ/Five]
● Generates the clocks from external clock (EXCLK 24 MHz).
Maximum AndesCore™ AX45MP Single core clock: 1.0 GHz
Maximum DDR clock: 666 MHz (DDR3L-1333), 800 MHz (DDR4-1600)
Maximum AXI-bus clock: 200 MHz
Maximum APB-bus clock: 100 MHz
● SSC (Spread Spectrum Clock) supported
Direct Memory Access Controller
(DMAC)
[RZ/Five]
● 2 modules, 16 channels per module
● Transfer request: On-chip peripheral request / auto request (software trigger)
● A specific DMA transfer interval can be specified to adjust the bus occupancy.
● LINK mode (DMA transfer under descriptor control) supported
● Transfer information can be automatically reloaded
Platform-Level Interrupt Controller
(PLIC)
[RZ/Five]
● Andes Platform-Level Interrupt Controller
● 255 priority levels available
● Software-programmable interrupt generation
● External Interrupt pins (NMI, IRQ7 to IRQ0, TINT31-0)
● On-chip peripheral Interrupts: priority level set for each module
General-purpose I/O
(GPIO)
[RZ/Five]
● General-purpose I/O ports
Thermal Sensor Unit
(TSU)
[RZ/Five]
● 1 channel
1.1.3
Internal Memory
Item
Description
System RAM
[RZ/Five]
● RAM of 128 Kbytes (ECC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com