Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/F Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # RZ/F
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/F Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button RZ/F Datasheet HTML 43Page - Renesas Technology Corp RZ/F Datasheet HTML 44Page - Renesas Technology Corp RZ/F Datasheet HTML 45Page - Renesas Technology Corp RZ/F Datasheet HTML 46Page - Renesas Technology Corp RZ/F Datasheet HTML 47Page - Renesas Technology Corp RZ/F Datasheet HTML 48Page - Renesas Technology Corp RZ/F Datasheet HTML 49Page - Renesas Technology Corp RZ/F Datasheet HTML 50Page - Renesas Technology Corp RZ/F Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
RZ/Five Group
3. Electrical Characteristics
R01DS0488EJ0110 Rev.1.10
Page 47 of 65
Jun 30, 2025
3.5.10
CAN-FD Interface Access Timing
Table 3.37
CAN-FD Interface Timing
CAN
CAN-FD
Item
Symbol
Min.
Max.
Min.
Max.
Unit
Figures
Internal delay time
tnode*1
—
100
—
75
ns
Figure 3.35
Transmission rate
—
—
1
—
4
Mbps
Note: AC access timing condition: drive ability 12mA, output load 15pF, slew rate = fast
Note 1.
Internal delay time (tnode) = Internal transfer delay time (toutput) + Internal receive delay time (tinput)
CANFD interface
Internal transfer
delay time (toutput)
Internal receive
delay time (tinput)
CAN1_TX, CAN0_TX pins
CAN1_RX, CAN0_RX pins
Figure 3.35
CAN-FD Interface Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com