Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/F Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RZ/F
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/F Datasheet(HTML) 5 Page - Renesas Technology Corp

  RZ/F Datasheet HTML 1Page - Renesas Technology Corp RZ/F Datasheet HTML 2Page - Renesas Technology Corp RZ/F Datasheet HTML 3Page - Renesas Technology Corp RZ/F Datasheet HTML 4Page - Renesas Technology Corp RZ/F Datasheet HTML 5Page - Renesas Technology Corp RZ/F Datasheet HTML 6Page - Renesas Technology Corp RZ/F Datasheet HTML 7Page - Renesas Technology Corp RZ/F Datasheet HTML 8Page - Renesas Technology Corp RZ/F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
RZ/Five Group
1. Overview
R01DS0488EJ0110 Rev.1.10
Page 5 of 65
Jun 30, 2025
1.1.5
Sound Interface
Item
Description
Serial Sound Interface
(SSI)
[RZ/Five]
● 4 channels bidirectional serial transfer
● 2 external clock sources available
● Duplex communication (channel 0, 1, and 3)
● Support of I2S / Monaural / TDM audio formats
● Support of master and slave functions
● Generation of programmable word clock and bit clock
● Multi-channel formats
● Support of 8, 16, 18, 20, 22, 24, and 32-bit data formats
● Support of 32-stage FIFO for transmission and reception
● Support of LR-clock continue function in which the LR-clock signal is not stopped
1.1.6
Storage and Network
Item
Description
USB2.0 Host / Function
(USB)
[RZ/Five]
● 2 channels (ch0: Host-Function ch1: Host only)
● Compliance with USB2.0
● Supports On-The-Go (OTG) Function
● Supports Battery Charging Function
● Internal dedicated DMA
Gigabit Ethernet Interface
(GbE)
[RZ/Five]
● Number of channels
– 2 channels: Support by 361-pin BGA
– 1 channel: Support by 266-pin BGA
● Supports transfer at 1000 Mbps and 100 Mbps, 10 Mbps
● Supports filtering of Ethernet frames
● Supports interface conforming to IEEE802.3 PHY RGMII (Reduced Gigabit Media Independent
Interface)
● Supports interface conforming to IEEE802.3 PHYMII (Media Independent Interface)
Controller Area Network Interface
(CAN)
[RZ/Five]
● 2 channels
● ISO 11898-1 (2003) compliant
● CAN-FD ISO 11898-1 (CD2014) compliant
● Message buffer
– Up to 64 × 2-channel receive message buffer: Shared among all channels
– 16 transmit message buffers per channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com