Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/F Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # RZ/F
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/F Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button RZ/F Datasheet HTML 57Page - Renesas Technology Corp RZ/F Datasheet HTML 58Page - Renesas Technology Corp RZ/F Datasheet HTML 59Page - Renesas Technology Corp RZ/F Datasheet HTML 60Page - Renesas Technology Corp RZ/F Datasheet HTML 61Page - Renesas Technology Corp RZ/F Datasheet HTML 62Page - Renesas Technology Corp RZ/F Datasheet HTML 63Page - Renesas Technology Corp RZ/F Datasheet HTML 64Page - Renesas Technology Corp RZ/F Datasheet HTML 65Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
RZ/Five Group
4. Package Dimensions
R01DS0488EJ0110 Rev.1.10
Page 61 of 65
Jun 30, 2025
Figure 4.2
Package Dimensions for LFBGA 11 mm/0.5 mm pitch/266 pin
C
ddd C
ccc C
Φ eee
C A B
Φ fff
C
nx φb
B
E
E1
aaa C
4X
Max.
D
11.00
E
11.00
D1
10.00
E1
10.00
A
1.40
A1
0.11
b
0.200.250.30
e
0.50
aaa
0.15
ccc
0.20
ddd
0.08
eee
0.15
fff
0.08
n
266
0.29
JEITA Package code
P-LFBGA266-11x11-0.50
RENESAS code
PLBG0266KA-A
MASS(TYP.)[g]
INDEX AREA
Reference
Symbol
Dimension in Millimeters
Min.
Nom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com