Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/F Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RZ/F
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/F Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RZ/F Datasheet HTML 4Page - Renesas Technology Corp RZ/F Datasheet HTML 5Page - Renesas Technology Corp RZ/F Datasheet HTML 6Page - Renesas Technology Corp RZ/F Datasheet HTML 7Page - Renesas Technology Corp RZ/F Datasheet HTML 8Page - Renesas Technology Corp RZ/F Datasheet HTML 9Page - Renesas Technology Corp RZ/F Datasheet HTML 10Page - Renesas Technology Corp RZ/F Datasheet HTML 11Page - Renesas Technology Corp RZ/F Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
RZ/Five Group
1. Overview
R01DS0488EJ0110 Rev.1.10
Page 8 of 65
Jun 30, 2025
1.1.10
Analog
Item
Description
A/D Converter
(ADC)
[RZ/Five]
● 2 channels
● Resolution: 12-bit
● Input Range: 0 V ~ 1.8 V
● Conversion Time: 1 µs
● Operation Mode: Single Scan / Continuous Scan
● Condition for A/D conversion start
– Software trigger
– Asynchronous trigger: External trigger supported
– Synchronous trigger: MTU timer
1.1.11
Others
Item
Description
Boundary Scan
[RZ/Five]
● Boundary scan based on IEEE 1149.1 via JTAG interface is supported.
Note that some module pins are not available on this boundary scan.
1.1.12
Power Supply Voltage
Item
Description
Power supply voltage
[RZ/Five]
● VDD, PLLn_DVDD11 (n = 23, 5): 1.05 to 1.15 V
● DDR_VDDQ: 1.14 to 1.26 V (DDR4) / 1.283 to 1.45 V (DDR3L)
● VDD18, ADC_AVDD18, PLLn_AVDD18 (n = 1, 23, 4, 5, 6): 1.62 to 1.98 V
● OTP_VDD18, USB_VDD18: 1.65 to 1.95 V
● PVDD: 2.97 to 3.63 V
● USB_VDD33: 3.00 to 3.60 V
● SDn_PVDD (n = 0, 1), SPI_PVDD: 2.97 to 3.63 V / 1.70 to 1.95 V
● PVDD182533: 2.97 to 3.63 V / 2.25 to 2.75 V / 1.62 to 1.98 V
1.1.13
Temperature Range
Item
Description
Temperature range
[RZ/Five]
● Ta: −40°C to +85°C*1
● Tj: −40°C to +125°C
Note 1.
If wider temp is required than this range, use case has to be investigated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com