Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/F Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # RZ/F
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/F Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button RZ/F Datasheet HTML 46Page - Renesas Technology Corp RZ/F Datasheet HTML 47Page - Renesas Technology Corp RZ/F Datasheet HTML 48Page - Renesas Technology Corp RZ/F Datasheet HTML 49Page - Renesas Technology Corp RZ/F Datasheet HTML 50Page - Renesas Technology Corp RZ/F Datasheet HTML 51Page - Renesas Technology Corp RZ/F Datasheet HTML 52Page - Renesas Technology Corp RZ/F Datasheet HTML 53Page - Renesas Technology Corp RZ/F Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
RZ/Five Group
3. Electrical Characteristics
R01DS0488EJ0110 Rev.1.10
Page 50 of 65
Jun 30, 2025
3.5.13
I2C Bus Interface Access Timing
Table 3.40
I2C Bus Interface Timing
Standard Mode (Sm)
Fast Mode (Fm)
Fast Mode Plus (Fm+)
Item
Symbol
I/O
Min.
Max.
Min.
Max.
Min.
Max.
Unit
SCL clock frequency
fCLK
I/O
0
100
0
400
0
1000
kHz
Bus free time (between
stop and start condition)
tBUF
I/O
4.7
—
1.3
—
0.5
—
μs
Hold time*1
tHD:STA
I/O
4.0
—
0.6
—
0.26
—
μs
Low period of SCL clock
tLOW
I/O
4.7
—
1.3
—
0.5
—
μs
High period of SCL clock
tHIGH
I/O
4.0
—
0.6
—
0.26
—
μs
Setup time for start /
restart condition
tSU:STA
I/O
4.7
—
0.6
—
0.26
—
μs
Data hold time (I2C bus
device)
tHD:DAT
I/O
0*2
—
0*2
—
0
—
μs
Data setup time
tSU:DAT
I/O
250
—
100*3
—
50
—
ns
SDA and SCL signal rise
time
tR
Input
—
1000
20
300
—
120
ns
SDA and SCL signal fall
time*3
tF
Input
—
300
20 × (PVDD/
5.5 V)
300
20 × (PVDD/
5.5 V)
120
ns
Output —
300
20 × (PVDD/
5.5 V)*6
300*6
20 × (PVDD/
5.5 V)*7
120*7
ns
Setup time for STOP
condition
tSU:STO
I/O
4.0
—
0.6
—
0.26
—
μs
Capacitive load for each
bus line
Cb
—
—
400*4
—
400*4
—
550*4
pF
Pulse width of spikes that
must be suppressed by
the input filter
tSP
Input
—
—
0
50*5
0
50*5
ns
Note: In the above table and subsequently, SCL and SDA refer to the RIICnSCL and RIICnSDA signals, respectively.
Note: AC access timing condition: drive ability 4mA, output load 400pF, slew rate = slow
Note 1.
The first clock pulse is generated on the SCL line after the start condition has been issued and the hold time has elapsed.
Note 2.
This module requires a minimum of 300 ns hold time internally for the SDA signal to handle the period over which the falling
edge of SCL has not reached a defined level (time until the CnSCL signal reaches VIL (max.) from VIH (min.)).
Note 3.
The fast-mode I2C bus device can be used in the standard mode I2C bus system. In this case, the minimum value of the data
setup time (tSU: DAT (min.) 250 [ns]) must be satisfied.
If the system does not extend the low period of SCL clock (tLOW), this condition is automatically satisfied. If the system extends
the low period of SCL clock (tLOW), transmit the subsequent data bit to the SDA line before the SCL line is released (tR (max.)
+ tSU: DAT (min.) = 1000 + 250 = 1250 [ns]: (standard mode I2C bus specification)).
Note 4.
Total capacitance of one bus line. The allowable maximum bus capacitance may differ from this specification, depending on
the actual operating voltage and frequency of an application. For techniques to cope with a large bus capacitance, see the I2C
bus specification provided by NXP Semiconductors.
Note 5.
Noise is removed by the analog and digital input filters. The level of noise reduction of the digital input filter is determined by
the period of internal reference clock (IICϕ) and the NF[1:0] bits in RIICnMR3. For details, refer to Section 26, I²C Bus
Interface, in the User's Manual: Hardware.
Note 6.
External pull-up resistor is required 1077Ω to 1770Ω when using RIIC ch2 or RIIC ch3.
Note 7.
External pull-up resistor is required 240Ω to 257Ω when using RIIC ch2 or RIIC ch3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com