Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/F Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RZ/F
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/F Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RZ/F Datasheet HTML 20Page - Renesas Technology Corp RZ/F Datasheet HTML 21Page - Renesas Technology Corp RZ/F Datasheet HTML 22Page - Renesas Technology Corp RZ/F Datasheet HTML 23Page - Renesas Technology Corp RZ/F Datasheet HTML 24Page - Renesas Technology Corp RZ/F Datasheet HTML 25Page - Renesas Technology Corp RZ/F Datasheet HTML 26Page - Renesas Technology Corp RZ/F Datasheet HTML 27Page - Renesas Technology Corp RZ/F Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
RZ/Five Group
3. Electrical Characteristics
R01DS0488EJ0110 Rev.1.10
Page 24 of 65
Jun 30, 2025
Table 3.19
DC Characteristics (17) [Current Consumption]
Item
Power rail symbol
Max Current
Unit
Remarks
Power Supply voltage(3.3V)
PVDD
430
mA
PVDD=3.6V
Power Supply voltage(1.8V)
VDD18
20
mA
VDD18=1.98V
OTP_AVDD18
20
mA
OTP_VDD18=1.95V
ADC_AVDD18
10
mA
ADC_AVDD18=1.98V
Power Supply voltage(1.1V)
VDD
2010
mA
VDD=1.15V, Condition: AX45MP,
Dhrystone
Power supply voltage (USB/3.3V)
USB_VDD33
20
mA
USB_VDD33=3.6V
Power supply voltage (USB/1.8V)
USB_VDD18
140
mA
USB_VDD18=1.95V
Power supply voltage (SD/3.3V)
SD0_PVDD
260
mA
SD0_PVDD=3.63V
SD1_PVDD
170
mA
SD1_PVDD=3.63V
Power supply voltage (SD/1.8V)
SD0_PVDD
110
mA
SD0_PVDD=1.95V
SD1_PVDD
70
mA
SD1_PVDD=1.95V
Power supply voltage (SPI/3.3V)
SPI_PVDD
50
mA
SPI_PVDD=3.63V
Power supply voltage (SPI/1.8V)
SPI_PVDD
100
mA
SPI_PVDD=1.95V
Power supply voltage (Ether/3.3V)
PVDD182533_n
380
mA
PVDD182533_n=3.63V
when 2 channels are in use
Power supply voltage (Ether/2.5V)
PVDD182533_n
240
mA
PVDD182533_n=2.75V
when 2 channels are in use
Power supply voltage (Ether/1.8V)
PVDD182533_n
140
mA
PVDD182533_n=1.98V
when 2 channels are in use
Power supply voltage (DDR/1.2V)
DDR_VDDQ
220
mA
DDR_VDDQ=1.26V
Power supply voltage (DDR/1.35V)
DDR_VDDQ
210
mA
DDR_VDDQ=1.45V
Power supply voltage (PLL/1.8V)
PLL1_AVDD18
10
mA
PLL1_AVDD18=1.98V
PLL23_AVDD18
20
mA
PLL23_AVDD18=1.98V
PLL4_AVDD18
10
mA
PLL4_AVDD18=1.98V
PLL6_AVDD18
10
mA
PLL6_AVDD18=1.98V
Power supply voltage (PLL/1.1V)
PLL23_DVDD11
20
mA
PLL23_DVDD11=1.15V
Note: Tj = 125°C, n = 0, 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com