Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/F Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # RZ/F
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/F Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button RZ/F Datasheet HTML 41Page - Renesas Technology Corp RZ/F Datasheet HTML 42Page - Renesas Technology Corp RZ/F Datasheet HTML 43Page - Renesas Technology Corp RZ/F Datasheet HTML 44Page - Renesas Technology Corp RZ/F Datasheet HTML 45Page - Renesas Technology Corp RZ/F Datasheet HTML 46Page - Renesas Technology Corp RZ/F Datasheet HTML 47Page - Renesas Technology Corp RZ/F Datasheet HTML 48Page - Renesas Technology Corp RZ/F Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
RZ/Five Group
3. Electrical Characteristics
R01DS0488EJ0110 Rev.1.10
Page 45 of 65
Jun 30, 2025
3.5.9
Serial Sound Interface (SSIF-2) Access Timing
Table 3.36
SSIF-2 Timing
Item
I/O
Symbol
Min.
Max.
Unit
Figures
Output clock cycle
Output
tO
80
64000
ns
Figure 3.31
Input clock cycle
Input
tI
80
—
ns
Clock high
Bidirectional
tHC
32
—
ns
Clock low
tLC
32
—
ns
Clock rise time/clock fall time
Output
tRC/tFC
—
25
ns
Setup time
Input
tSR
25
—
ns
Figure 3.32,
Figure 3.33,
Figure 3.34
Hold time
tHR
5
—
ns
SILRCK output delay time
Output
tDTR
−5
25
ns
Data output delay time
(Noise canceler not in use)
tDTR
−5
25
ns
Data output delay time
(Noise canceler in use)
tDTR
10
50
ns
Note: AC access timing condition: drive ability 12mA, output load 30pF, slew rate = fast
SSIn_BCK
tHC
tLC
tRC
tFC
tO, tI
Figure 3.31
Bit Clock Input/Output Timing
SSIn_RCK (input),
SSIn_RXD,
SSI2_DATA (input)
SSIn_BCK
SSIn_RCK (output),
SSIn_TXD,
SSI2_DATA (output)
tHR
tSR
tDTR
Figure 3.32
Transmission and Reception Timing (SSIBCK Falling Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com