Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/F Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RZ/F
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/F Datasheet(HTML) 4 Page - Renesas Technology Corp

  RZ/F Datasheet HTML 1Page - Renesas Technology Corp RZ/F Datasheet HTML 2Page - Renesas Technology Corp RZ/F Datasheet HTML 3Page - Renesas Technology Corp RZ/F Datasheet HTML 4Page - Renesas Technology Corp RZ/F Datasheet HTML 5Page - Renesas Technology Corp RZ/F Datasheet HTML 6Page - Renesas Technology Corp RZ/F Datasheet HTML 7Page - Renesas Technology Corp RZ/F Datasheet HTML 8Page - Renesas Technology Corp RZ/F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
RZ/Five Group
1. Overview
R01DS0488EJ0110 Rev.1.10
Page 4 of 65
Jun 30, 2025
1.1.4
External Memory Interface
Item
Description
External Bus Controller for
DDR3L / DDR4 SDRAM
(DDR)
[RZ/Five]
● Support DDR3L-1333 / DDR4-1600
● Bus Width: 16-bit
● In line ECC supported (Support error detection interrupt)
● Memory Size: Up to 4 Gbyes
● Auto Refresh supported
SPI Multi I/O Bus Controller
[RZ/Five]
● 1 channel (4-bit Double data rate)
● 1 serial flash memory with multiple I/O bus sizes (single / quad) can be connected
● External address space read mode (built-in read cache)
● SPI operation mode
● Maximum Clock Frequency:
– 50 MHz (Quad-SPI DDR)
– 66 MHz (Quad-SPI SDR)
SD Card Host Interface /
Multimedia Card Interface
(SD/MMC)
[RZ/Five]
● 2 channels
● Channel 0 supports SDHI / e-MMC (boot supported)
● Channel 1 supports SDHI
● SD memory I/O card interface (1-bit / 4-bit SD bus)
● SD, SDHC and SDXC SD memory card access supported
● Compliant with SD 3.0
● Default, high-speed, UHS-I/SDR50, SDR104 transfer modes supported
● Error check function: CRC7 (Command), CRC16 (Data)
● Card detection function, write protect supported
● MMC interface (1-bit / 4-bit / 8-bit MMC bus)
● e-MMC device access supported
● Compliant with eMMC 4.51
● High-speed, HS200 transfer modes supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com