Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/F Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # RZ/F
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/F Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button RZ/F Datasheet HTML 50Page - Renesas Technology Corp RZ/F Datasheet HTML 51Page - Renesas Technology Corp RZ/F Datasheet HTML 52Page - Renesas Technology Corp RZ/F Datasheet HTML 53Page - Renesas Technology Corp RZ/F Datasheet HTML 54Page - Renesas Technology Corp RZ/F Datasheet HTML 55Page - Renesas Technology Corp RZ/F Datasheet HTML 56Page - Renesas Technology Corp RZ/F Datasheet HTML 57Page - Renesas Technology Corp RZ/F Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 65 page
background image
RZ/Five Group
3. Electrical Characteristics
R01DS0488EJ0110 Rev.1.10
Page 54 of 65
Jun 30, 2025
3.5.15
Serial Communications Interface (SCIg) Access Timing
Table 3.42
SCIg Timing
Item
Symbol
Min.
Max.
Unit
Figures
SCIg
Input clock cycle
Asynchronous
tScyc
4
—
tp1cyc*1
Figure 3.42
Clocked
synchronous
6
—
Input clock pulse width
tSCKW
0.4
0.6
tp1cyc*1
Input clock rise time
tSCKr
—
5
ns
Input clock fall time
tSCKf
—
5
ns
Output clock cycle
Asynchronous*2
tScyc
8
—
tp1cyc*1
Clocked
synchronous
4
—
Output clock pulse width
tSCKW
0.4
0.6
tp1cyc*1
Output clock rise time
tSCKr
—
5
ns
Output clock fall time
tSCKf
—
5
ns
Transmit data delay time
Clocked
synchronous
tTXD
—
28
ns
Figure 3.43
Receive data setup time
Clocked
synchronous
tRXS
15
—
ns
Receive data hold time
Clocked
synchronous
tRXH
5
—
ns
Note: AC access timing condition: drive ability 12mA, output load 30pF, slew rate = fast
Note 1.
tp1cyc indicates peripheral clock means SCIn_CLKP (P0ϕ) (n = 0 to 1).
Note 2.
When the SEMR.ABCS0 and SEMR.BGDM bits are set to 1.
SCIn_SCK
(n = 0, 1)
tSCKW
tScyc
tSCKr
tSCKf
Figure 3.42
SCK Input Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com