Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/F Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # RZ/F
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/F Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button RZ/F Datasheet HTML 11Page - Renesas Technology Corp RZ/F Datasheet HTML 12Page - Renesas Technology Corp RZ/F Datasheet HTML 13Page - Renesas Technology Corp RZ/F Datasheet HTML 14Page - Renesas Technology Corp RZ/F Datasheet HTML 15Page - Renesas Technology Corp RZ/F Datasheet HTML 16Page - Renesas Technology Corp RZ/F Datasheet HTML 17Page - Renesas Technology Corp RZ/F Datasheet HTML 18Page - Renesas Technology Corp RZ/F Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
RZ/Five Group
3. Electrical Characteristics
R01DS0488EJ0110 Rev.1.10
Page 15 of 65
Jun 30, 2025
3.2
Power Supply
Table 3.2
Power Supply
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Power supply voltage (3.3 V)
PVDD
2.97
3.30
3.63
V
—
Power supply voltage (1.8 V)
VDD18, ADC_AVDD18
1.62
1.80
1.98
V
—
OTP_VDD18
1.65
1.80
1.95
V
—
Power supply voltage (1.1 V)
VDD
1.05
1.10
1.15
V
—
Power supply voltage (USB)
USB_VDD33
3.00
3.30
3.60
V
—
USB_VDD18
1.65
1.80
1.95
V
—
Power supply voltage (SD)
SD0_PVDD,
SD1_PVDD
2.97
3.30
3.63
V
When 3.3 V is supplied
1.70
1.80
1.95
V
When 1.8 V is supplied
Power supply voltage (SPI)
SPI_PVDD
2.97
3.30
3.63
V
When 3.3 V is supplied
1.70
1.80
1.95
V
When 1.8 V is supplied
Power supply voltage (Ether)
PVDD182533_0/1
2.97
3.30
3.63
V
When 3.3 V is supplied
2.25
2.50
2.75
V
When 2.5 V is supplied
1.62
1.80
1.98
V
When 1.8 V is supplied
Power supply voltage (DDR)
DDR_VDDQ
1.14
1.20
1.26
V
When using DDR4
1.283
1.35
1.45
V
When using DDR3L
Power supply voltage (PLL)
PLL1_AVDD18,
PLL23_AVDD18,
PLL4_AVDD18,
PLL6_AVDD18
1.62
1.80
1.98
V
—
PLL23_DVDD11
1.05
1.10
1.15
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com