Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/F Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RZ/F
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/F Datasheet(HTML) 1 Page - Renesas Technology Corp

  RZ/F Datasheet HTML 1Page - Renesas Technology Corp RZ/F Datasheet HTML 2Page - Renesas Technology Corp RZ/F Datasheet HTML 3Page - Renesas Technology Corp RZ/F Datasheet HTML 4Page - Renesas Technology Corp RZ/F Datasheet HTML 5Page - Renesas Technology Corp RZ/F Datasheet HTML 6Page - Renesas Technology Corp RZ/F Datasheet HTML 7Page - Renesas Technology Corp RZ/F Datasheet HTML 8Page - Renesas Technology Corp RZ/F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
R01DS0488EJ0110 Rev.1.10
Page 1 of 65
Jun 30, 2025
DATASHEET
Features
This LSI has following features.
CPU
● AndesCore™ AX45MP, single-core
Max. operating frequency: 1.0 GHz
On-chip SRAM and external memory
interfaces
● On-chip shared SRAM (128-Kbytes on-chip SRAM with ECC)
● External DDR memory interface
1-channel memory controller for DDR3L-1333 or DDR4-1600
with a 16-bit bus width
● SPI Multi I/O Bus Controller × 1 channel (4-bit Double data rate)
● SD card host interface × 2 channels
● Multimedia card interface × 1 channel (Shared with SDHI)
Various communication/storage/network
interfaces
● USB 2.0 × 2 channels (Host only 1 channel/Host-Function
1 channel)
● Gigabit Ethernet controller × 2 channels
● CANFD interface × 2 channels
● I2C bus interface × 4 channels
● Serial communication interface (SCI) × 2 channels
● Serial communication interface with FIFO (SCIF) × 5 channels
● Serial Peripheral Interface (RSPI) × 3 channels
Extended-function timers
● Multi-Function Timer Pulse Unit
32-bit × 1 channel, 16-bit × 8 channels
Audio
● Serial sound interface × 4 channels
Analog/Digital converter (ADC) and sensor
● 12-bit A/D converter × 2 channels
● Thermal Sensor Unit × 1 channel
Security
● Hardware cryptographic engine [option]
RZ/Five Group
RZ 32 & 64-bit MPUs, RZ/G Series
R01DS0488EJ0110
Rev.1.10
Jun 30, 2025


Similar Part No. - RZ/F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RZ/FIVE RENESAS-RZ/FIVE Datasheet
3Mb / 83P
RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
Rev.1.01 Jul, 2022
More results

Similar Description - RZ/F

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
124201 ADELS-124201 Datasheet
116Kb / 2P
500 RZ/ 1
124203 ADELS-124203 Datasheet
118Kb / 2P
500 RZ/ 3
124204 ADELS-124204 Datasheet
118Kb / 2P
500 RZ/ 4
20/01/2020
124205 ADELS-124205 Datasheet
119Kb / 2P
500 RZ/ 5
124209 ADELS-124209 Datasheet
121Kb / 2P
500 RZ/ 9
logo
Renesas Technology Corp
RZ_N2L RENESAS-RZ_N2L Datasheet
1Mb / 127P
RZ Arm-based High-end 32 & 64-bit MPUs
Jul 29, 2022
RZ_T2M RENESAS-RZ_T2M Datasheet
1Mb / 127P
RZ Arm-based High-end 32 & 64-bit MPUs
Mar 22, 2022
RZ_G2UL RENESAS-RZ_G2UL Datasheet
3Mb / 83P
RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
Rev.1.01 Jul, 2022
RZ-N2L RENESAS-RZ-N2L Datasheet
1Mb / 127P
RZ Arm-based High-end 32 & 64-bit MPUs
Rev.1.20 Sep 30, 2022
R9A07G044L28GBG RENESAS-R9A07G044L28GBG Datasheet
531Kb / 22P
Renesas Microprocessor RZ Family / RZ/G Series
Rev.1.10 Aug. 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com