Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/F Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RZ/F
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/F Datasheet(HTML) 2 Page - Renesas Technology Corp

  RZ/F Datasheet HTML 1Page - Renesas Technology Corp RZ/F Datasheet HTML 2Page - Renesas Technology Corp RZ/F Datasheet HTML 3Page - Renesas Technology Corp RZ/F Datasheet HTML 4Page - Renesas Technology Corp RZ/F Datasheet HTML 5Page - Renesas Technology Corp RZ/F Datasheet HTML 6Page - Renesas Technology Corp RZ/F Datasheet HTML 7Page - Renesas Technology Corp RZ/F Datasheet HTML 8Page - Renesas Technology Corp RZ/F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
RZ/Five Group
1. Overview
R01DS0488EJ0110 Rev.1.10
Page 2 of 65
Jun 30, 2025
1.
Overview
1.1
Outline of Specification
1.1.1
CPU Core
Item
Description
System CPU AX45MP
[RZ/Five]
● AndesCore™ AX45MP Single core 1.0 GHz
● L1 I-cache 32 Kbytes (Parity) / D-cache 32 Kbytes (ECC)
● ILM 64 Kbytes (ECC) / DLM 64 Kbytes (ECC), Total 128 Kbytes*1
● L2 cache 256 KBytes (ECC)
● Floating point extension DSP/SIMD ISA
● AndeStar™ V5 Instruction Set Architecture (ISA)
Note 1. The ILM and DLM are generally not used in Linux.
Please refer also AndesCoreAX45MP-1C Processor Reference Manual for details.
Boot
[RZ/Five]
● 6 boot modes
Boot Mode 0: Booting from eSD
Boot Mode 1: Booting from eMMC (1.8 V)
Boot Mode 2: Booting from eMMC (3.3 V)
Boot Mode 3: Booting from a serial flash memory (Single / Quad) connected to the SPI Multi
I/O bus space (1.8 V)
Boot Mode 4: Booting from a serial flash memory (Single / Quad) connected to the SPI Multi
I/O bus space (3.3 V)
Boot Mode 5: Booting from SCIF download
Debug Interface
[RZ/Five]
● AndesCore™ AX45MP Debug Subsystem
● JTAG interface supported
● Embedded Debug Module with up to 8 triggers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com