Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/F Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # RZ/F
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/F Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button RZ/F Datasheet HTML 10Page - Renesas Technology Corp RZ/F Datasheet HTML 11Page - Renesas Technology Corp RZ/F Datasheet HTML 12Page - Renesas Technology Corp RZ/F Datasheet HTML 13Page - Renesas Technology Corp RZ/F Datasheet HTML 14Page - Renesas Technology Corp RZ/F Datasheet HTML 15Page - Renesas Technology Corp RZ/F Datasheet HTML 16Page - Renesas Technology Corp RZ/F Datasheet HTML 17Page - Renesas Technology Corp RZ/F Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 65 page
background image
RZ/Five Group
3. Electrical Characteristics
R01DS0488EJ0110 Rev.1.10
Page 14 of 65
Jun 30, 2025
3.
Electrical Characteristics
3.1
Absolute Maximum Ratings
Table 3.1
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Power supply voltage (3.3 V)
PVDD
−0.5 to +3.8
V
USB_VDD33
Power supply voltage (1.8-V/3.3-V switchable)
SD0_PVDD
−0.5 to +3.8
V
SD1_PVDD
SPI_PVDD
Power supply voltage
(1.8-V/ 2.5-V/ 3.3-V switchable)
PVDD182533_0/1
−0.5 to +3.8
V
Power supply voltage (1.8 V)
VDD18
−0.5 to +2.5
V
PLL1_AVDD18
PLL23_AVDD18
PLL4_AVDD18
PLL6_AVDD18
USB_VDD18
ADC_AVDD18
OTP_VDD18
DDR power supply voltage
(DDR4/ DDR3L switchable)
DDR_VDDQ
−0.5 to +2.5
V
Power supply voltage (1.1-V)
VDD
−0.5 to +1.5
V
PLL23_DVDD11
Input voltage
3.3-V I/O input pins
—
−0.3 to 3.3-V power supply (PVDD,
USB_VDD33) + 0.3
V
1.8-V/3.3-V switchable I/O
input pins
—
−0.3 to 1.8-V/3.3-V switchable power
supply (SD0_PVDD, SD1_PVDD,
SPI_PVDD) + 0.3
V
1.8-V/2.5-V/3.3-V switchable
I/O input pins
—
−0.3 to 1.8-V/2.5-V/3.3-V switchable
power supply (PVDD182533_0.1) + 0.3
V
1.8-V I/O input pins
—
−0.3 to 1.8-V power supply (VDD18,
CSI_VDD18, USB_VDD18) + 0.3
V
Operating
temperature
Ambient temperature
Ta
−40°C to +85°C*1
°C
Junction temperature
Tj
−40°C to +125°C
°C
Storage
temperature
Ambient temperature
Tstg
−40°C to +150°C
°C
Note 1.
If wider temp is required than this range, use case has to be investigated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com