Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/F Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # RZ/F
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/F Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button RZ/F Datasheet HTML 39Page - Renesas Technology Corp RZ/F Datasheet HTML 40Page - Renesas Technology Corp RZ/F Datasheet HTML 41Page - Renesas Technology Corp RZ/F Datasheet HTML 42Page - Renesas Technology Corp RZ/F Datasheet HTML 43Page - Renesas Technology Corp RZ/F Datasheet HTML 44Page - Renesas Technology Corp RZ/F Datasheet HTML 45Page - Renesas Technology Corp RZ/F Datasheet HTML 46Page - Renesas Technology Corp RZ/F Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
RZ/Five Group
3. Electrical Characteristics
R01DS0488EJ0110 Rev.1.10
Page 43 of 65
Jun 30, 2025
3.5.8
Control Signal Access Timing
Table 3.35
Control Signal Timing
Item
Symbol
Min.
Max.
Unit
Figures
PRST# pulse width
tRESW
20
—
tcyc*1
Figure 3.28
TRST# pulse width
tTRSW
20
—
tcyc*1
NMI pulse width
tNMIW
20
—
tcyc*1
Figure 3.30
IRQ pulse width
tIRQW
20
—
tcyc*1
TINT pulse width
tTINTW
20
—
tcyc*1
PRST# input rise time
tRSr
—
500
μs
Figure 3.29
Note 1.
tcyc = 41.666 ns (24 MHz)
PRST#
TRST#
tRESW / tTRSW
Figure 3.28
Reset Input Timing 1
PRST#
TRST#
tRSr
Figure 3.29
Reset Input Timing 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com