Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/F Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # RZ/F
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/F Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button RZ/F Datasheet HTML 12Page - Renesas Technology Corp RZ/F Datasheet HTML 13Page - Renesas Technology Corp RZ/F Datasheet HTML 14Page - Renesas Technology Corp RZ/F Datasheet HTML 15Page - Renesas Technology Corp RZ/F Datasheet HTML 16Page - Renesas Technology Corp RZ/F Datasheet HTML 17Page - Renesas Technology Corp RZ/F Datasheet HTML 18Page - Renesas Technology Corp RZ/F Datasheet HTML 19Page - Renesas Technology Corp RZ/F Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
RZ/Five Group
3. Electrical Characteristics
R01DS0488EJ0110 Rev.1.10
Page 16 of 65
Jun 30, 2025
3.3
Power-On/Power-Off Sequence
    
VDD (Core)
PLL23_DVDD11
DDR_VDDQ (DDR IO Power)
VDD18
ADC_AVDD18
PVDD182533_0/1 (1.8V)
OTP_VDD18
PLL1/23/4/6_AVDD18
SD0/1_PVDD (only 1.8 V using)
SPI_PVDD (1.8 V)
USB_VDD18
PVDD182533_0/1 (2.5 V)
PVDD (GPIO 3.3 V)
SD0/1_PVDD (1.8 V/3.3 V switching*1
or only 3.3 V using)
SPI_PVDD (3.3 V)
PVDD182533_0/1 (3.3 V)
USB_VDD33
OSC Input
PRST#
1.1 V
3.3 V
1.2/1.35 V
1.8 V
2.5 V
clock
signal
100ms (Max)
100ms (Max)
After 1.1 V power-on or the same
clock need to be stable
100ms (Max)
1 µsec (Min)
1 µsec (Min)
100ms (Max)
Figure 3.1
Power-On/Power-Off Sequence
NOTES
1.
Turn on 3.3 V after 1.1 V/1.8 V.
Note 1. About SD0/1_PVDD, especially in the case of switching between 1.8 V and 3.3 V at same power rail, 1.8-V power-on/off
timing can also follow 3.3-V power rail sequence as shown in the
Figure 3.1.
2.
Turn on the DDR IO power supply at the same time as or after the 1.1-V power supply.
3.
From first power rising start to last power rising end must be within 100 ms.
4.
The power-off sequence is the reverse of the power-on sequence
(PRST# → Low  3.3 V = OFF  Other = OFF)
5.
PRST# should be changed from Low to High after the 3.3-V power supply is turned on, after 1 µsec, and after the
input clock from the oscillator stabilizes.
6.
Refer to SD0/1_PVDD when connecting eMMC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com