Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 29 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 29 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 25Page - Texas Instruments XM33C321ASPZR Datasheet HTML 26Page - Texas Instruments XM33C321ASPZR Datasheet HTML 27Page - Texas Instruments XM33C321ASPZR Datasheet HTML 28Page - Texas Instruments XM33C321ASPZR Datasheet HTML 29Page - Texas Instruments XM33C321ASPZR Datasheet HTML 30Page - Texas Instruments XM33C321ASPZR Datasheet HTML 31Page - Texas Instruments XM33C321ASPZR Datasheet HTML 32Page - Texas Instruments XM33C321ASPZR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 122 page
background image
Table 6-3. Analog to Digital Converter (ADC) Signal Descriptions (continued)
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN ZAW PIN YSG PIN
ADC0_16
A
ADC0 analog input channel
16
72
72
57
13
35
J3
L3
ADC0_17
A
ADC0 analog input channel
17
78
78
63
H3
E3
ADC0_18
A
ADC0 analog input channel
18
79
79
64
G3
K4
ADC0_19
A
ADC0 analog input channel
19
80
80
65
G4
C3
ADC0_20
A
ADC0 analog input channel
20
81
81
66
F4
A3
ADC0_21
A
ADC0 analog input channel
21
66
66
51
H4
H2
ADC1_0
A
ADC1 analog input channel
0
54
54
44
30
K7
N3
ADC1_1
A
ADC1 analog input channel
1
55
55
45
H7
M2
ADC1_2
A
ADC1 analog input channel
2
69
69
54
10
32
K4
J3
ADC1_3
A
ADC1 analog input channel
3
70
70
55
11
33
K3
E1
ADC1_4
A
ADC1 analog input channel
4
73
73
58
14
36
K2
G3
ADC1_5
A
ADC1 analog input channel
5
74
74
59
15
37
K1
C1
ADC1_6
A
ADC1 analog input channel
6
75
75
60
16
38
J1
D2
ADC1_7
A
ADC1 analog input channel
7
76
76
61
17
39
J2
A1
ADC1_8
A
ADC1 analog input channel
8
83
83
68
20
G2
J5
ADC1_9
A
ADC1 analog input channel
9
77
77
62
18
40
H2
B2
ADC1_10
A
ADC1 analog input channel
10
84
84
69
21
H1
D4
ADC1_11
A
ADC1 analog input channel
11
85
85
70
22
G1
B4
ADC1_12
A
ADC1 analog input channel
12
87
87
F5
ADC1_13
A
ADC1 analog input channel
13
96
96
76
28
B1
B6
ADC1_14
A
ADC1 analog input channel
14
97
97
77
29
D2
A7
Table 6-4. Bootstrap Loader (BSL) Signal Descriptions
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN ZAW PIN YSG PIN
BSL_CAN_RX
I
BSL CAN receive signal
(RX)
99
99
79
31
47
B2
B8
BSL_CAN_TX
O
BSL CAN transmit signal
(TX)
98
98
78
30
46
C2
E5
BSL_I2C_SCL
IOD BSL I2C clock signal (SCL) 2
2
2
34
2
C4
D6
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com