Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 43 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 43 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 39Page - Texas Instruments XM33C321ASPZR Datasheet HTML 40Page - Texas Instruments XM33C321ASPZR Datasheet HTML 41Page - Texas Instruments XM33C321ASPZR Datasheet HTML 42Page - Texas Instruments XM33C321ASPZR Datasheet HTML 43Page - Texas Instruments XM33C321ASPZR Datasheet HTML 44Page - Texas Instruments XM33C321ASPZR Datasheet HTML 45Page - Texas Instruments XM33C321ASPZR Datasheet HTML 46Page - Texas Instruments XM33C321ASPZR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 122 page
background image
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
fMCLK
CPUCLK, MCLK frequency with 2 flash wait state (3)
160
MHz
CPUCLK, MCLK frequency with 1 flash wait state (3)
110
CPUCLK, MCLK frequency with 0 flash wait state (3)
40
(1)
Connect CVDD ,CVBAT and CVCORE between VDD/VSS , VBAT/VSS and VCORE/VSS, respectively, as close to the device pins as
possible. A low-ESR capacitor with at least the specified value and tolerance of ±20% or better is required for CVDD ,CVBAT and
CVCORE.
(2)
The VCORE pin must only be connected to CVCORE. Do not supply any voltage or apply any external load to the VCORE pin.
(3)
The Flash and SRAM Configuration registers will need to be update to modify the wait states before switching the clock frequency.
7.4 Thermal Information
THERMAL METRIC(1)
PACKAGE
VALUE
UNIT
RθJA
Junction-to-ambient thermal resistance
LQFP-100 (PZ)
47
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
15
°C/W
RθJB
Junction-to-board thermal resistance
32.7
°C/W
ΨJT
Junction-to-top characterization parameter
0.6
°C/W
ΨJB
Junction-to-board characterization parameter
32.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
RθJA
Junction-to-ambient thermal resistance
LQFP-100 (PFA)
27.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
17.1
°C/W
RθJB
Junction-to-board thermal resistance
18.6
°C/W
ΨJT
Junction-to-top characterization parameter
0.3
°C/W
ΨJB
Junction-to-board characterization parameter
10
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
RθJA
Junction-to-ambient thermal resistance
LQFP-80 (PN)
40.51
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
12.17
°C/W
RθJB
Junction-to-board thermal resistance
23.66
°C/W
ΨJT
Junction-to-top characterization parameter
0.44
°C/W
ΨJB
Junction-to-board characterization parameter
23.51
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
RθJA
Junction-to-ambient thermal resistance
LQFP-64 (PM)
41.42
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
12.38
°C/W
RθJB
Junction-to-board thermal resistance
22.17
°C/W
ΨJT
Junction-to-top characterization parameter
0.42
°C/W
ΨJB
Junction-to-board characterization parameter
22.48
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
RθJA
Junction-to-ambient thermal resistance
VQFN-48 (RGZ)
24.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
12.8
°C/W
RθJB
Junction-to-board thermal resistance
7.2
°C/W
ΨJT
Junction-to-top characterization parameter
0.2
°C/W
ΨJB
Junction-to-board characterization parameter
7.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.8
°C/W
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com