Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 86 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 86 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 82Page - Texas Instruments XM33C321ASPZR Datasheet HTML 83Page - Texas Instruments XM33C321ASPZR Datasheet HTML 84Page - Texas Instruments XM33C321ASPZR Datasheet HTML 85Page - Texas Instruments XM33C321ASPZR Datasheet HTML 86Page - Texas Instruments XM33C321ASPZR Datasheet HTML 87Page - Texas Instruments XM33C321ASPZR Datasheet HTML 88Page - Texas Instruments XM33C321ASPZR Datasheet HTML 89Page - Texas Instruments XM33C321ASPZR Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 122 page
background image
For more details, see the I2C (UNICOMM) chapter of the MSPM33C3x 160-MHz Microcontrollers Technical
Reference Manual.
8.14.1.3 SPI (UNICOMM)
The serial peripheral interface (SPI) peripherals function support the following key features:
• Supports up to 40 Mbits/s in controller mode 1
• Configurable as a controller or a peripheral
• Support for up to 4 chip select for both controller and peripheral
• Supports single parity for transmit and receive
• Programmable clock prescaler and bit rate
• Programmable data frame size from 4 bits to 16 bits (controller mode) and 7 bits to 16 bit (peripheral mode)
• Supports TI mode, Motorola mode and National Microwire format
• See Table 8-16 for detailed information on supported features
Table 8-16. SPI (UNICOMM) Features
Supported Features
UC2.SPI
UC13.SPI
Controller and Peripheral mode
Yes
Yes
Supports Parity function
Yes
Yes
Supports Repeat mode transfer
Yes
-
Supports Receive timeout
Yes
-
Supports Command/Data control
Yes
-
Supports 4 chip selects
Yes
-
For more details, see the SPI (UNICOMM) chapter of the MSPM33C3x 160-MHz Microcontrollers Technical
Reference Manual.
8.14.2 CAN-FD
The controller area network (CAN) controller enables communication with a CAN2.0A, CAN2.0B, or CAN-FD bus
and is compliant to ISO 11898-1:2015 standard supporting up to 5Mbit/s bit rate. Key features of the CAN-FD
peripheral include:
• Full support for 64-byte CAN-FD frames
• Dedicated 1KB message SRAM with ECC
• Configurable transmit FIFO, transmit queue and event FIFO (up to 32 elements)
• Up to 32 dedicated transmit buffers and 64 dedicated receive buffers
• Two configurable receive FIFOs (up to 64 elements each)
• Up to 128 filter elements
• Two interrupt lines
• Power-down and wake-up support
• Timestamp counter
For more details, see the CAN-FD chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
8.14.3 Quad SPI (QSPI)
The Quad SPI (QSPI) controller interfaces to an external serial flash memory over 4 data lines to provide fast
data transfer up to 20Mbytes/s.
• Supports single, bi (dual) and quad data operations for data communication up to 40MHz serial clock
• Programmable interface supports QSPI operation in both Mode-0 and Mode-3
• Supports both 3-byte and 4-byte address external QSPI flash memory
• Preconfigured read frame formats and dummy clock insertion for optimized read operations
1 Only SPI signals on HSIO pins support data rates up to 40 Mbits/s; see the Pin Diagrams section for HSIO pins.
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
86
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com