Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 48 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 48 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 44Page - Texas Instruments XM33C321ASPZR Datasheet HTML 45Page - Texas Instruments XM33C321ASPZR Datasheet HTML 46Page - Texas Instruments XM33C321ASPZR Datasheet HTML 47Page - Texas Instruments XM33C321ASPZR Datasheet HTML 48Page - Texas Instruments XM33C321ASPZR Datasheet HTML 49Page - Texas Instruments XM33C321ASPZR Datasheet HTML 50Page - Texas Instruments XM33C321ASPZR Datasheet HTML 51Page - Texas Instruments XM33C321ASPZR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 122 page
background image
7.7.4 Timing Characteristics
VDD=3.3V, Ta=25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Wakeup Timing
tWAKE:SLEEP
Wakeup time from SLEEP to RUN (1)
1.6
µs
tWAKE:STOP
Wakeup time from STOP to RUN (SYSOSC
enabled) (1)
25.3
µs
tWAKE:STBY
Wakeup time from STANDBY0 to RUN (1)
26.6
µs
Wakeup time from STANDBY1 to RUN (1)
26.8
µs
tWAKEUP:SHDN
Wakeup time from SHUTDOWN to RUN (2)
Fast boot enabled
750
µs
Fast boot disabled
1100
Asynchronous Fast Clock Request Timing
tDELAY
Delay time from edge of asynchronous request to
first 32MHz MCLK edge
Mode is STOP
6.3
µs
Delay time from edge of asynchronous request to
first 32MHz MCLK edge
Mode is STANDBY0
7.6
Delay time from edge of asynchronous request to
first 32MHz MCLK edge
Mode is STANDBY1
7.9
Startup Timing
tSTART:RESET
Device cold startup time from reset/power-up (3)
Fast boot enabled
780
µs
Fast boot disabled
1130
NRST Timing
tRST:BOOTRST
Pulse length on NRST pin to generate BOOTRST
ULPCLK≥4MHz
1.5
µs
ULPCLK=32kHz
80
tRST:POR
Pulse length on NRST pin to generate POR
1
s
(1)
The wake-up time is measured from the edge of an external wake-up signal (GPIO wake-up event) to the time that the first instruction
of the user program is executed, with glitch filter disabled (FILTEREN=0x0) and fast wake enabled (FASTWAKEONLY=1) .
(2)
The wake-up time is measured from the edge of an external wake-up signal (IOMUX wake-up event) to the time that first instruction of
the user program is executed.
(3)
The start-up time is measured from the time that VDD crosses VBOR0- (cold start-up) to the time that the first instruction of the user
program is executed.
7.8 Clock Specifications
7.8.1 System Oscillator (SYSOSC)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSYSOSC
Factory trimmed SYSOSC frequency
SYSOSCCFG.FREQ=0 (BASE)
32
MHz
SYSOSCCFG.FREQ=1
4
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
48
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com