Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 47 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 47 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 43Page - Texas Instruments XM33C321ASPZR Datasheet HTML 44Page - Texas Instruments XM33C321ASPZR Datasheet HTML 45Page - Texas Instruments XM33C321ASPZR Datasheet HTML 46Page - Texas Instruments XM33C321ASPZR Datasheet HTML 47Page - Texas Instruments XM33C321ASPZR Datasheet HTML 48Page - Texas Instruments XM33C321ASPZR Datasheet HTML 49Page - Texas Instruments XM33C321ASPZR Datasheet HTML 50Page - Texas Instruments XM33C321ASPZR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 122 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBOR1+
Brown-out-reset voltage level 1
Rising (1)
2.13
2.17
2.21
V
VBOR1-
Falling (1)
2.10
2.14
2.18
VBOR1, STBY
STANDBY mode
2.06
2.13
2.215
VBOR2+
Brown-out-reset voltage level 2
Rising (1)
2.73
2.77
2.82
V
VBOR2-
Falling (1)
2.7
2.74
2.79
VBOR2, STBY
STANDBY mode
2.62
2.71
2.8
VBOR3+
Brown-out-reset voltage level 3
Rising (1)
2.88
2.96
3.04
V
VBOR3-
Falling (1)
2.85
2.93
3.01
VBOR3, STBY
STANDBY mode
2.82
2.92
3.02
VHYS,BOR
Brown-out reset hysteresis
Level 0
15
21
mV
Levels 1-3
34
40
tPD:BOR
BOR propagation delay
RUN/SLEEP/STOP
mode
10
µs
STANDBY mode
100
(1)
Device operating in RUN, SLEEP, or STOP mode.
7.7.3 VBat Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBAT
Power supply range
1.62
3.6
V
dVBAT/dt VBAT (supply voltage) slew rate
Rising
0.1
V/µs
Falling,standby (2)
0.1
V/ms
VPOR+
(VBAT)
Power-on reset voltage level
Rising (1)
0.95
1.3
1.59
V
VPOR-
(VBAT)
Falling (1)
0.9
1.25
1.54
VHYS,
POR(VBAT)
POR hysteresis
30
58
74
mV
VBOR0+,
COLD(VBAT
)
Brown-out reset voltage level
Cold start, rising (1)
1.5
1.56
1.62
V
VBOR0+
(VBAT)
Rising (1) (2)
1.55
1.59
1.62
VBOR0-
(VBAT)
Falling (1) (2)
1.53
1.56
1.61
VHYS,
BOR(VBAT)
BOR hysteresis
15
21
mV
tPU(VBAT) Cold power up time
1.2
ms
ICHARGE
Charging peak current
VDD=3.3, VBAT=0V
1.7
mA
RSWITCH
Internal switch resistance between VBAT
and VDD
0.9
2.3
4.3
kΩ
ITRIP
Min current for internal comparator to
detect reverse current from VBAT to VDD
VDD sinking , 1.62<VBAT<3.3
100
µA
(1)
|dVDD/dt| ≤ 3V/s
(2)
Device operating in Standby Mode
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com