Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 64 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 64 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 60Page - Texas Instruments XM33C321ASPZR Datasheet HTML 61Page - Texas Instruments XM33C321ASPZR Datasheet HTML 62Page - Texas Instruments XM33C321ASPZR Datasheet HTML 63Page - Texas Instruments XM33C321ASPZR Datasheet HTML 64Page - Texas Instruments XM33C321ASPZR Datasheet HTML 65Page - Texas Instruments XM33C321ASPZR Datasheet HTML 66Page - Texas Instruments XM33C321ASPZR Datasheet HTML 67Page - Texas Instruments XM33C321ASPZR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 122 page
background image
• CPUCLK: Clock for the processor (derived from MCLK), active in RUN mode
• ULPCLK: Ultra-low power clock for PD0 peripherals, active in RUN, SLEEP, STOP, and STANDBY modes
• MFCLK: 4-MHz fixed mid-frequency clock for peripherals, available in RUN, SLEEP, and STOP modes. This
clock can be used only by peripherals in the PD0 clock domain.
• LFCLK: 32-kHz fixed low-frequency clock for peripherals or ULPCLK, active in RUN, SLEEP, STOP, and
STANDBY modes. This clock can be used only by peripherals in the PD0 clock domain.
• CLK_OUT: Used to output a clock externally, available in RUN, SLEEP, STOP, and STANDBY modes
• HFCLK: High-frequency clock derived from HFXT or HFCLK_IN, available in RUN and SLEEP mode
• HSCLK: High-speed clock derived from HFCLK or the SYSPLL, available in RUN and SLEEP mode
• CANCLK: CAN functional clock, derived from HFCLK or SYSPLL
• I2SCLK: I2SCLK functional clock, derived from HFCLK or SYSPLL
• LFOSCCLK: Used for IWDT & WWDT, derived from LFOSC
For more details, see the CKM chapter of the MSPM33 C3-Series 160-MHz Microcontrollers Technical
Reference Manual.
8.2.3 Operating Modes
MSPM33C3x MCUs provide five main operating modes (power modes) to allow for optimization of the device
power consumption based on application requirements. In order of decreasing power, the modes are: RUN,
SLEEP, STOP, STANDBY, and SHUTDOWN. The CPU is active executing code when in RUN mode. Peripheral
interrupt events can wake the device from SLEEP, STOP, or STANDBY mode to the RUN mode. SHUTDOWN
mode completely disables the internal core regulator to minimize power consumption, and wake is only possible
via NRST, SWD interface, a logic level match on certain IOs, or an interrupt from the low frequency sub system
(LFSS).
To further balance performance and power consumption, MSPM33C3x devices implement three power domains:
PD1, PD0, VBAT. PD1 contains the CPU, memories, and high performance peripherals. PD1 contains is always
powered in RUN and SLEEP modes, but is disabled in all other modes. PD0 contains low speed, low power
peripherals which are always powered in RUN, SLEEP, STOP, and STANDBY modes. PD1 and PD0 are both
disabled in SHUTDOWN mode. VBAT can be powered by a separate power source other than Vdd or can be
externally connected to Vdd. VBAT power domain contains the low frequency sub system and is always active
when power is applied.
8.2.3.1 Functionality by Operating Mode
Supported functionality in each operating mode is given in Table 8-1.
Functional key:
• EN: The function is enabled in the specified mode.
• DIS: The function is disabled (either clock or power gated) in the specified mode, but the function's
configuration is retained.
• OPT: The function is optional in the specified mode, and remains enabled if configured to be enabled.
• NS: The function is not automatically disabled in the specified mode, but it is not supported.
• OFF: The function is fully powered off in the specified mode, and no configuration information is retained.
When waking up from an OFF state, all module registers must be re-configured to the desired settings by
application software.
Table 8-1. Supported Functionality by Operating Modes
OPERATING MODE
RUN
SLEEP
STOP
STANDBY
SHUTDOWN
Oscillators
SYSOSC
EN
DIS
OFF
LFOSC or LFXT
EN (LFOSC or LFXT)
HFXT
OPT
DIS
OFF
SYSPLL
OPT
DIS
OFF
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
64
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com