Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 11 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 11 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 7Page - Texas Instruments XM33C321ASPZR Datasheet HTML 8Page - Texas Instruments XM33C321ASPZR Datasheet HTML 9Page - Texas Instruments XM33C321ASPZR Datasheet HTML 10Page - Texas Instruments XM33C321ASPZR Datasheet HTML 11Page - Texas Instruments XM33C321ASPZR Datasheet HTML 12Page - Texas Instruments XM33C321ASPZR Datasheet HTML 13Page - Texas Instruments XM33C321ASPZR Datasheet HTML 14Page - Texas Instruments XM33C321ASPZR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 122 page
background image
1
PA0
36
PB17
2
PA1
35
PA20
3
PA28
34
PA19
4
NRST
33
PA18
5
VBAT
32
PA17
6
VDD
31
VDD
7
PC28
30
PA15
8
PA2
29
PA14
9
PA3
28
PA13
10
PA4
27
PA12
11
PA5
26
PB16
12
PA6
25
PB15
Not to scale
VSS
Figure 6-5. 48-pin RGZ (7mm x 7mm) (0.5mm pitch) (VQFN) Package Diagram (Top View)
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com