Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 7 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 7 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 3Page - Texas Instruments XM33C321ASPZR Datasheet HTML 4Page - Texas Instruments XM33C321ASPZR Datasheet HTML 5Page - Texas Instruments XM33C321ASPZR Datasheet HTML 6Page - Texas Instruments XM33C321ASPZR Datasheet HTML 7Page - Texas Instruments XM33C321ASPZR Datasheet HTML 8Page - Texas Instruments XM33C321ASPZR Datasheet HTML 9Page - Texas Instruments XM33C321ASPZR Datasheet HTML 10Page - Texas Instruments XM33C321ASPZR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 122 page
background image
6 Pin Configuration and Functions
The System Configuration tool provides a graphical interface to enable, configurable, and generate initialization
code for pin multiplexing and simplifying pin settings. The following pin diagrams show the primary peripheral
functions, some of the integrated device features, and available clock signals to simplify the device pinout. For
full descriptions of the pin functions, see the Pin Attributes and Signal Descriptions sections.
6.1 Pin Diagrams
For full pin configuration and functions for each package option, refer to Pin Attributes and Signal Descriptions
sections.
1
2
3
4
5
6
7
8
9
10
A
B
C
D
E
F
G
H
J
K
Not to scale
VCORE
VSS
VBAT
VDD
PA2
PA3
PA4
PA5
PA6
PB31
PB26
PA27
PA29
NRST
PC15
PC14
PA7
PB5
PB29
PC17
PB25
PA26
PA28
PA1
PC12
PB0
PB1
PB2
PA9
PC18
PA25
PB27
PA0
PA30
PC13
PC28
PB30
PB3
PB4
PA8
PA23
PA24
PC27
PC25
PC11
PC16
PA10
PB28
PA11
PB6
PC26
PB24
PB20
PC9
PC10
PC29
PC19
PB7
PB8
PB10
PB23
PB21
PC7
PC8
PC5
PC4
PB9
PB15
PB11
PB12
PB22
PA22
PC6
PC3
PC2
PC21
PA16
PC1
PC20
PB13
PB19
PA21
PA20
PA19
PC24
PC23
PC0
PB16
PB14
PA12
PB18
PB17
PA18
PA17
PC22
VDD
PA15
PA14
VSS
PA13
Figure 6-1. 100-pin ZAW (9mm x 9mm) (0.8mm pitch) (NFBGA) Package Diagram (Top View)
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com