Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 85 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 85 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 81Page - Texas Instruments XM33C321ASPZR Datasheet HTML 82Page - Texas Instruments XM33C321ASPZR Datasheet HTML 83Page - Texas Instruments XM33C321ASPZR Datasheet HTML 84Page - Texas Instruments XM33C321ASPZR Datasheet HTML 85Page - Texas Instruments XM33C321ASPZR Datasheet HTML 86Page - Texas Instruments XM33C321ASPZR Datasheet HTML 87Page - Texas Instruments XM33C321ASPZR Datasheet HTML 88Page - Texas Instruments XM33C321ASPZR Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 122 page
background image
Table 8-13. UART (UNICOMM) Features (continued)
Supported Features
UC1.UART
UC12.UART
UC13.UART
UC14.UART
Support IrDA
-
Yes
-
-
Support ISO7816 Smart Card
-
Yes
-
-
Support Manchester coding
-
Yes
-
-
For more details, see the UART (UNICOMM) chapter of the MSPM33C3x 160-MHz Microcontrollers Technical
Reference Manual.
8.14.1.2 I2C (UNICOMM)
The inter-integrated circuit interface (I2C) peripherals in these devices provide bidirectional data transfer with
other I2C devices on the bus and support the following key features:
• 7-bit and 10-bit addressing mode with multiple 7-bit target addresses
• Multiple-controller transmitter or receiver mode
• Target receiver or transmitter mode with configurable clock stretching
• Support Standard-mode (Sm), with a bit rate up to 100 kbit/s
• Support Fast-mode (Fm), with a bit rate up to 400 kbit/s
• Support Fast-mode Plus (Fm+), with a bit rate up to 1 Mbit/s
– Supported on high-drive (HDIO) IOs only
• Separated transmit and receive FIFOs support DMA data transfer
• Support SMBus 3.0 with PEC, ARP, timeout detection and host support
• Wakeup from low power mode on address match
• Support analog and digital glitch filter for input signal glitch suppression
• See Table 8-14 and Table 8-15 for detailed information on supported features for controller and target
functions
Table 8-14. I2C Controller (UNICOMM) Features
Supported Features
UC1.I2C, UC14.I2C, UC15.I2C
UC13
Supports standard-mode (Sm)
Yes
Yes
Supports Fast-mode (Fm)
Yes
Yes
Supports Fast-mode Plus (Fm+)
Yes
Yes
Supports analog glitch filter
Yes
-
Supports digital glitch filter
-
Yes
Supports burst mode
Yes
-
Supports SMBus mode
Yes
-
Table 8-15. I2C Target (UNICOMM) Features
Supported Features
UC1.I2C
UC14.I2C, UC15.I2C
UC13
Supports standard-mode (Sm)
Yes
Yes
Yes
Supports Fast-mode (Fm)
Yes
Yes
Yes
Supports Fast-mode Plus (Fm+)
Yes
Yes
Yes
Supports analog glitch filter
Yes
Yes
-
Supports digital glitch filter
-
-
Yes
Supports second target address
& mask
Yes
Yes
-
Supports SMBus mode
Yes
Yes
-
Supports low power wakeup
Yes
-
Yes
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com