Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 59 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 59 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 55Page - Texas Instruments XM33C321ASPZR Datasheet HTML 56Page - Texas Instruments XM33C321ASPZR Datasheet HTML 57Page - Texas Instruments XM33C321ASPZR Datasheet HTML 58Page - Texas Instruments XM33C321ASPZR Datasheet HTML 59Page - Texas Instruments XM33C321ASPZR Datasheet HTML 60Page - Texas Instruments XM33C321ASPZR Datasheet HTML 61Page - Texas Instruments XM33C321ASPZR Datasheet HTML 62Page - Texas Instruments XM33C321ASPZR Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 122 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tHDO:QSPI_I
Ox
QSPI_IOx output hold time
3
ns
7.10.5.2 QSPI Timing Diagram
tCS:LEAD
QSPI_SCLK
(SPO = 0)
QSPI_SCLK
(SPO = 1)
tCS:LAG
tHDO:QSPI_IOx
tVALID:QSPI_IOx
tSU:QSPI_IOx
tHDI:QSPI_IOx
1/fQSPI_CLK
tQSPI_CLKH
tQSPI_CLKL
tCS:ACC
QSPI_CSx
QSPI_IOx
QSPI WRITE
QSPI READ
Figure 7-6. QSPI Timing Diagram - Controller Mode
7.10.6 I2S/TDM
7.10.6.1 Serial Audio
over operating free-air temperature range (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Controller Mode
fBCLK
Serial Audio bit clock frequency
Transmitter mode
12.5
MHz
Receiver mode
12.5
MHz
tVALID.WCLK
Word Clock output valid time
VDD ≥ 2.7V
18
ns
VDD ≥ 1.71V
21
ns
tHOLD:WCLK
Word Clock output hold time
1
ns
tVALID:ADx
Data output valid time
VDD ≥ 2.7V, Transmitter mode
20.5
ns
VDD ≥ 1.71V, Transmitter mode
28.5
ns
tHOLD:ADx
Data output hold time
Transmitter mode
3
ns
tSU.ADx
Data input setup time
VDD ≥ 2.7V, Receiver mode
8.5
ns
VDD ≥ 1.71V, Receiver mode
10
ns
tHOLD.ADx
Data input hold time
VDD ≥ 2.7V, Receiver mode
2
ns
VDD ≥ 1.71V, Receiver mode
3.1
ns
Target Mode
fBCLK
Serial Audio bit clock frequency
Transmitter mode
25
MHz
Receiver mode
25
MHz
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com