Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 72 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 72 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 68Page - Texas Instruments XM33C321ASPZR Datasheet HTML 69Page - Texas Instruments XM33C321ASPZR Datasheet HTML 70Page - Texas Instruments XM33C321ASPZR Datasheet HTML 71Page - Texas Instruments XM33C321ASPZR Datasheet HTML 72Page - Texas Instruments XM33C321ASPZR Datasheet HTML 73Page - Texas Instruments XM33C321ASPZR Datasheet HTML 74Page - Texas Instruments XM33C321ASPZR Datasheet HTML 75Page - Texas Instruments XM33C321ASPZR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 122 page
background image
Table 8-4. Interrupt Vector Number (continued)
PERIPHERAL NAME
NVIC IRQ
LFSS
42
DMA0
43
DMA1
44
I2S0
45
I2S1
46
QSPI0
47
SHA256
48
PKA
49
UNICOMM13_1
50
UNICOMM13_2
51
UNICOMM13_3
52
8.5 Embedded Flash Memory
A dual bank of non-volatile flash memory (up to 1MB/512kB total) and a separate data flash bank (32kB) is
provided for storing executable program code and application data.
Key features of the flash include:
• Hardware ECC protection (encode and decode) with single bit error correction and double-bit error detection.
• In-circuit program and erase operations supported across the entire recommended supply range.
• Read while write operation supported in dual bank mode.
• Small 2kB sector sizes (minimum erase resolution of 2kB)
• Flash write/erase protection
– First 32 sectors of each flash bank has write/erase protection with a granularity of 2kB.
– Remaining sectors of each flash bank write/erase protection with a granularity of 16kB.
• Trustzone security and MPU protections extended for all initiators using Global Security Controller (GSC)
Refer to the NVM chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference Manual.
8.6 Embedded SRAM
The device includes a 256kB of SRAM across four banks fully protected by error correction code (ECC). SRAM
memory can be used for storing volatile information such as the call stack, heap, global data, and code.
• Hardware ECC protection (encode and decode) with single bit error correction and double-bit error detection.
• SRAM0 (64kB) memory fully retained in low power modes of STOP and STANDBY operating mode.
• Trustzone security and MPU protections extended for all initiators using Global Security Controller (GSC).
– 16-kB SRAM chunk size with variable size for ease of memory allocation for secure/non-secure and
privilege/user mode threads.
• Automatic zeroisation of memory contents at power up.
• No arbitrated access to initiators accessing different memory bank simultaneously.
• Interleaved access between SRAM banks 2 and 3.
• 4-deep SRAM cache buffer for read and write operations for improved access time for same bank access
The Table 8-5 describes the operational conditions for the multiple SRAM banks on the device.
Table 8-5. SRAM Bank Property
SRAM0
SRAM1/2/3
0-Wait State Frequency
90MHz
120MHz
RUN Mode State
ACTIVE
ACTIVE
SLEEP Mode State
ACTIVE
ACTIVE
STOP Mode State
RETAINED
OFF
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
72
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com