Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 52 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 52 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 48Page - Texas Instruments XM33C321ASPZR Datasheet HTML 49Page - Texas Instruments XM33C321ASPZR Datasheet HTML 50Page - Texas Instruments XM33C321ASPZR Datasheet HTML 51Page - Texas Instruments XM33C321ASPZR Datasheet HTML 52Page - Texas Instruments XM33C321ASPZR Datasheet HTML 53Page - Texas Instruments XM33C321ASPZR Datasheet HTML 54Page - Texas Instruments XM33C321ASPZR Datasheet HTML 55Page - Texas Instruments XM33C321ASPZR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 122 page
background image
7.9.1.2 ADC Switching Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fADCCLK
ADC clock frequency
VDD ≥ 2.7V and VREF ≥ 2.5V
4
160
MHz
VDD < 2.7V or VREF < 2.5V
4
107
MHz
tADC trigger
Software trigger minimum width
3
ADCCLK
cycles
tSample
Sampling time
12-bit mode, RS = 50Ω, Cpext = 10pF
37.5
ns
tSample_SupplyMon
Sample time with Supply Monitor
(VDD/3), (VBAT/3)
5
µs
7.9.1.3 ADC Linearity Parameters
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted), all TYP values are
measured at 25
℃ and all linearity parameters are measured using 12-bit resolution mode (unless otherwise noted)(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ej
Integral linearity error (INL)
External reference
-2.0
+2.0
LSB
Ek
Differential linearity error (DNL)
no missing codes
External reference
-1.0
+1.0
LSB
EO
Offset error
External reference
-3
3
mV
Internal reference, VR+ = VREF = 2.5V
EG
Gain error
External reference
-5
5
LSB
Internal reference, VR+ = VREF = 2.5V
-65
65
LSB
(1)
Total Unadjusted Error (TUE) can be calculated from EI , EO , and EG using the following formula: TUE = √( EI2 + |EO|2 + EG2 ). All of the
errors must be converted in the same unit, usually LSB, for the above equation to be accurate.
(2)
All external reference specifications are measured with VR+ = VREF+ = VDD and VR- = VSS = 0V, external 1uF cap on VREF+ Pin,
HW Averaging feature.
7.9.1.4 Typical Connection Diagram
Vin
Rpar
Cpar
Rin
CI
ADC Model
CS/H
S1
Device
Boundary
12-bit SAR
Converter
Figure 7-2. ADC Input Network
1. Refer to ADC Electrical Characteristics for the values of Rin and CS/H
2. Refer to Digital IO Electrical Characteristics for the value of CI
3. Cpar and Rpar represent the parasitic capacitance and resistance of the external ADC input circuitry
Use the following equations to solve for the minimum sampling time (T) required for an ADC conversion:
1. Tau = (Rpar + Rin) × CS/H + Rpar × (Cpar + CI)
2. K= ln(2n/Settling error) – ln((Cpar + CI)/CS/H)
3. T (Min sampling time) = K × Tau
7.9.2 COMP Specifications
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
52
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com