Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 65 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 65 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 61Page - Texas Instruments XM33C321ASPZR Datasheet HTML 62Page - Texas Instruments XM33C321ASPZR Datasheet HTML 63Page - Texas Instruments XM33C321ASPZR Datasheet HTML 64Page - Texas Instruments XM33C321ASPZR Datasheet HTML 65Page - Texas Instruments XM33C321ASPZR Datasheet HTML 66Page - Texas Instruments XM33C321ASPZR Datasheet HTML 67Page - Texas Instruments XM33C321ASPZR Datasheet HTML 68Page - Texas Instruments XM33C321ASPZR Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 122 page
background image
Table 8-1. Supported Functionality by Operating Modes (continued)
OPERATING MODE
RUN
SLEEP
STOP
STANDBY
SHUTDOWN
Clocks
CPUCLK
160MHz
DIS
OFF
MCLK
160MHz
DIS
OFF
MCLK/2
80MHz
DIS
OFF
MCLK/4 (PD1)
40MHz
DIS
OFF
ULPCLK
40MHz
4MHz
32kHz
OFF
MFCLK
4MHz
DIS
OFF
LFCLK
32 kHz
OFF
HFCLK
OPT
DIS
OFF
CANCLK
OPT
DIS
OFF
I2SCLK
OPT
DIS
OFF
RTCCLK
OPT
OPT
LFCLK Monitor
OPT
OPT
MCLK Monitor
OPT
DIS
OFF
PMU
POR monitor
EN
OFF
BOR monitor
EN
OFF
Core regulator
FULL DRIVE
FULL DRIVE
REDUCED DRIVE
LOW DRIVE
OFF
Core Functions
CPU
EN
DIS
OFF
Flash
EN
DIS
OFF
SRAM0
EN
DIS
OFF
SRAM1/2/3
EN
OFF
OFF
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com