Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 33 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 33 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 29Page - Texas Instruments XM33C321ASPZR Datasheet HTML 30Page - Texas Instruments XM33C321ASPZR Datasheet HTML 31Page - Texas Instruments XM33C321ASPZR Datasheet HTML 32Page - Texas Instruments XM33C321ASPZR Datasheet HTML 33Page - Texas Instruments XM33C321ASPZR Datasheet HTML 34Page - Texas Instruments XM33C321ASPZR Datasheet HTML 35Page - Texas Instruments XM33C321ASPZR Datasheet HTML 36Page - Texas Instruments XM33C321ASPZR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 122 page
background image
Table 6-9. General Purpose Input Output Module Signal Descriptions (continued)
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN ZAW PIN YSG PIN
PB13
IO
GPIO port B input/output 13 47
47
37
1
H10
T2
PB14
IO
GPIO port B input/output 14 48
48
38
2
24
J9
P2
PB15
IO
GPIO port B input/output 15 49
49
39
3
25
G8
U1
PB16
IO
GPIO port B input/output 16 50
50
40
4
26
J8
R1
PB17
IO
GPIO port B input/output 17 73
73
58
14
36
K2
G3
PB18
IO
GPIO port B input/output 18 74
74
59
15
37
K1
C1
PB19
IO
GPIO port B input/output 19 75
75
60
16
38
J1
D2
PB20
IO
GPIO port B input/output 20 82
82
67
19
41
F3
H4
PB21
IO
GPIO port B input/output 21 83
83
68
20
G2
J5
PB22
IO
GPIO port B input/output 22 84
84
69
21
H1
D4
PB23
IO
GPIO port B input/output 23 85
85
70
22
G1
B4
PB24
IO
GPIO port B input/output 24 86
86
71
23
42
F2
F4
PB25
IO
GPIO port B input/output 25 95
95
75
27
C1
C5
PB26
IO
GPIO port B input/output 26 96
96
76
28
B1
B6
PB27
IO
GPIO port B input/output 27 97
97
77
29
D2
A7
PB28
IO
GPIO port B input/output 28 29
29
24
E8
R7
PB29
IO
GPIO port B input/output 29 30
30
25
B9
N7
PB30
IO
GPIO port B input/output 30 31
31
26
D7
V6
PB31
IO
GPIO port B input/output 31 32
32
27
A10
PC0
IO
GPIO port C input/output 0
56
56
46
J7
PC1
IO
GPIO port C input/output 1
57
57
47
H8
PC2
IO
GPIO port C input/output 2
65
65
50
H5
K2
PC3
IO
GPIO port C input/output 3
66
66
51
H4
H2
PC4
IO
GPIO port C input/output 4
67
67
52
G6
PC5
IO
GPIO port C input/output 5
68
68
53
G5
PC6
IO
GPIO port C input/output 6
78
78
63
H3
E3
PC7
IO
GPIO port C input/output 7
79
79
64
G3
K4
PC8
IO
GPIO port C input/output 8
80
80
65
G4
C3
PC9
IO
GPIO port C input/output 9
81
81
66
F4
A3
PC10
IO
GPIO port C input/output 10 87
87
F5
PC11
IO
GPIO port C input/output 11 88
88
E5
PC12
IO
GPIO port C input/output 12 10
10
C5
PC13
IO
GPIO port C input/output 13 12
12
D5
PC14
IO
GPIO port C input/output 14 13
13
B6
PC15
IO
GPIO port C input/output 15 11
11
B5
PC16
IO
GPIO port C input/output 16 35
35
E6
PC17
IO
GPIO port C input/output 17 36
36
B10
PC18
IO
GPIO port C input/output 18 38
38
C10
PC19
IO
GPIO port C input/output 19 39
39
F7
PC20
IO
GPIO port C input/output 20 58
58
H9
PC21
IO
GPIO port C input/output 21 59
59
H6
PC22
IO
GPIO port C input/output 22 60
60
K5
PC23
IO
GPIO port C input/output 23 61
61
J6
PC24
IO
GPIO port C input/output 24 62
62
J5
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com