Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 91 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 91 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 87Page - Texas Instruments XM33C321ASPZR Datasheet HTML 88Page - Texas Instruments XM33C321ASPZR Datasheet HTML 89Page - Texas Instruments XM33C321ASPZR Datasheet HTML 90Page - Texas Instruments XM33C321ASPZR Datasheet HTML 91Page - Texas Instruments XM33C321ASPZR Datasheet HTML 92Page - Texas Instruments XM33C321ASPZR Datasheet HTML 93Page - Texas Instruments XM33C321ASPZR Datasheet HTML 94Page - Texas Instruments XM33C321ASPZR Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 122 page
background image
8.17 Serial Wire Debug Interface
A serial wire debug (SWD) two-wire interface is provided via an Arm compatible serial wire debug port (SW-
DP) to enable access to multiple debug functions within the device. For a complete description of the debug
functionality, see the debug chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference Manual.
Table 8-22. Serial Wire Debug Pin Requirements and Functions
DEVICE SIGNAL
DIRECTION
SWD FUNCTION
SWCLK
Input
Serial wire clock from debug probe
SWDIO
Input/Output
Bi-directional (shared) serial wire data
The MSPM33C321x devices also support boundary scan functionality through the TDO, TDI, SWCLK, and
SWDIO device signals. This conforms to the IEEE Std.1149.1-1990 boundary scan feature. To use this
functionality configure the device in 4 wire JTAG mode using the Table 8-23. For a complete description of
the boundary scan functionality, see the debug chapter of the MSPM33C3x 160-MHz Microcontrollers Technical
Reference Manual.
Table 8-23. Boundary Scan Pin Functionality
DEVICE SIGNAL
Boundary Scan Pin
Direction
Boundary Scan Functionality
TDO
TDO
Output
Test Data Out
TDI
TDI
Input
Test Data In
SWCLK
TCK
Input
Test Clock
SWDIO
TMS
Input
Test Mode Select
8.18 Bootstrap Loader (BSL)
The bootstrap loader (BSL) enables configuration of the device as well as programming of the device memory
through a UART or I2C serial interface. Access to the device memory and configuration through the BSL is
protected by a 256-bit user-defined HASH password, and it is possible to completely disable the BSL in the
device configuration, if desired. The BSL is enabled by default from TI to support use of the BSL for production
programming.
A minimum of two pins are required to use the BSL: the BSL_UART_RX and BSL_UART_TX signals (for UART),
or the BSL_I2C_SCL and BSL_I2C_SDA signals (for I2C) or the BSL_CAN_RX and BSL_CAN_TX signals (for
CAN). Additionally, one or two additional pins (BSL_INVOKE and NRST) may be used for controlled invocation
of the bootloader by an external host.
If enabled, the BSL may be invoked (started) in the following ways:
• The BSL is invoked during the boot process if the BSL_invoke pin state matches the defined BSL_invoke
logic level. If the device fast boot mode is enabled, this invocation check is skipped. An external host can
force the device into the BSL by asserting the invoke condition and applying a reset pulse to the NRST pin to
trigger a BOOTRST, after which the device will verify the invoke condition during the reboot process and start
the BSL if the invoke condition matches the expected logic level.
• The BSL may be invoked at runtime from application software by issuing a SYSRST with BSL entry
command.
Table 8-24. BSL Pin Requirements and Functions
DEVICE SIGNAL
CONNECTION
BSL FUNCTION
BSL_UART_RX
Required for UART
UART receive signal (RX), an input
BSL_UART_TX
Required for UART
UART transmit signal (TX) an output
BSL_I2C_SCL
Required for I2C
I2C BSL clock signal (SCL)
BSL_I2C_SDA
Required for I2C
I2C BSL data signal (SDA)
BSL_CAN_RX
Required for CAN
CAN receive signal (RX), an input
BSL_CAN_TX
Required for CAN
CAN receive signal (TX), an output
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com