Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 73 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 73 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 69Page - Texas Instruments XM33C321ASPZR Datasheet HTML 70Page - Texas Instruments XM33C321ASPZR Datasheet HTML 71Page - Texas Instruments XM33C321ASPZR Datasheet HTML 72Page - Texas Instruments XM33C321ASPZR Datasheet HTML 73Page - Texas Instruments XM33C321ASPZR Datasheet HTML 74Page - Texas Instruments XM33C321ASPZR Datasheet HTML 75Page - Texas Instruments XM33C321ASPZR Datasheet HTML 76Page - Texas Instruments XM33C321ASPZR Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 122 page
background image
Table 8-5. SRAM Bank Property (continued)
SRAM0
SRAM1/2/3
STANDBY Mode State
RETAINED
OFF
SHUTDOWN Mode State
OFF
OFF
For more details, see the SRAM chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
8.7 DMA
The direct memory access (DMA) controller allows movement of data from one memory address to another
without CPU intervention. For example, the DMA can be used to move data from ADC conversion memory
to SRAM. The DMA reduces system power consumption by allowing the CPU to remain in low power mode,
without having to awaken to move data to or from a peripheral.
The DMA used in these devices is DMA_B and it support the following key features:
• DMA0: 4 independent DMA transfer channels
– Secure resource on reset
– 2 full-feature channel (DMA0-DMA1) supporting repeated transfer modes
– 2 basic channels (DMA2-DMA3) supporting single transfer modes
• DMA1: 12 independent DMA transfer channels
– Non-Secure resource on reset
– 6 full-feature channel (DMA0-DMA5) supporting repeated transfer modes
– 6 basic channels (DMA6-DMA11) supporting single transfer modes
• Configurable DMA channel priorities
• Byte (8-bit), short word (16-bit), word (32-bit) and long word (64-bit) or mixed byte and word transfer
capability
• Transfer counter block size supports up to 64k transfers of any data type
• Configurable DMA transfer trigger selection
• Active channel interruption to service other channels
• Early interrupt generation for ping-pong buffer architecture
• Cascading channels upon completion of activity on another channel
• Stride mode to support data re-organization, such as 3-phase metering applications
Table 8-6 lists the available triggers for the DMA which are configured using the DMATCTL.DMATSEL control
bits in the DMA memory mapped registers.
Note
DMA0 has limited access to peripherals in PD0 and can only access PMU (SYSCTL) & UC1 in PD0.
Table 8-6. DMA Trigger Mapping
Trigger 0:41
DMA0
DMA1
0
Software
Software
1
Generic Subscriber 0 (FSUB_0)
Generic Subscriber 0 (FSUB_0)
2
Generic Subscriber 1 (FSUB_1)
Generic Subscriber 1 (FSUB_1)
3
AES Publisher 1
AES Publisher 1
4
AES Publisher 2
AES Publisher 2
5
ADC0 SEQ0
ADC0 SEQ0
6
ADC0 SEQ1
ADC0 SEQ1
7
ADC0 SEQ2
ADC0 SEQ2
8
ADC0 SEQ3
ADC0 SEQ3
9
ADC1 SEQ0
ADC1 SEQ0
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com