Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 110 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 110 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 106Page - Texas Instruments XM33C321ASPZR Datasheet HTML 107Page - Texas Instruments XM33C321ASPZR Datasheet HTML 108Page - Texas Instruments XM33C321ASPZR Datasheet HTML 109Page - Texas Instruments XM33C321ASPZR Datasheet HTML 110Page - Texas Instruments XM33C321ASPZR Datasheet HTML 111Page - Texas Instruments XM33C321ASPZR Datasheet HTML 112Page - Texas Instruments XM33C321ASPZR Datasheet HTML 113Page - Texas Instruments XM33C321ASPZR Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 122 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.8) TYP
(0.8) TYP
100X ( 0.4)
NFBGA - 1.5 mm max height
ZAW0100A
PLASTIC BALL GRID ARRAY
4219786/A 01/2025
NOTES: (continued)
4. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE: 12X
SYMM
SYMM
A
1
2
3
4
5
6
7
8
9
10
B
C
D
E
F
G
H
J
K
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
110
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com