Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM33C321ASPZR Datasheet(PDF) 119 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 119 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 114Page - Texas Instruments XM33C321ASPZR Datasheet HTML 115Page - Texas Instruments XM33C321ASPZR Datasheet HTML 116Page - Texas Instruments XM33C321ASPZR Datasheet HTML 117Page - Texas Instruments XM33C321ASPZR Datasheet HTML 118Page - Texas Instruments XM33C321ASPZR Datasheet HTML 119Page - Texas Instruments XM33C321ASPZR Datasheet HTML 120Page - Texas Instruments XM33C321ASPZR Datasheet HTML 121Page - Texas Instruments XM33C321ASPZR Datasheet HTML 122Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 119 / 122 page
background image
www.ti.com
PACKAGE OUTLINE
C
100X
0.27
0.17
96X 0.5
PIN 1 ID
0.05 MIN
4X 12
TYP
16.2
15.8
(0.13) TYP
1.6 MAX
B
NOTE 3
14.2
13.8
A
NOTE 3
14.2
13.8
0.75
0.45
0.25
GAGE PLANE
-7
0
(1.4)
PLASTIC QUAD FLATPACK
LQFP - 1.6 mm max height
PZ0100A
PLASTIC QUAD FLATPACK
4215169/A 03/2017
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MS-026.
0.08
1
25
26
50
51
75
76
100
0.08
C A B
0.08
SEE DETAIL A
SEATING PLANE
DETAIL A
SCALE: 14
DETAIL A
TYPICAL
SCALE 1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com