Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 57 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 53Page - STMicroelectronics TDA7402 Datasheet HTML 54Page - STMicroelectronics TDA7402 Datasheet HTML 55Page - STMicroelectronics TDA7402 Datasheet HTML 56Page - STMicroelectronics TDA7402 Datasheet HTML 57Page - STMicroelectronics TDA7402 Datasheet HTML 58Page - STMicroelectronics TDA7402 Datasheet HTML 59Page - STMicroelectronics TDA7402 Datasheet HTML 60Page - STMicroelectronics TDA7402 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
TDA7402
I2C bus interface
57/71
Note:
The SoftStep times are only programmable while the compander is not in use.
Table 24.
Compander (11)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
1
0
1
Activity / reference level
off
0.5VRMS
1VRMS
2VRMS
0
0
1
1
0
1
0
1
Attack-times
6ms
12ms
24ms
49ms
0
0
1
1
0
1
0
1
Release-times
390ms
780ms
1.17s
1.56s
0
0
0
0
1
1
1
1
0
0
1
1
0
1
0
1
0
0
1
1
0
1
0
1
SoftStep-time1)
160µs
320µs
640µs
1.28ms
2.56ms
5.12ms
10.2ms
20.4ms
0
1
Compander max. gain
29dB
19dB
Table 25.
Configuration audioprocessor I (12)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Compander source
Main selector
Second source selector
0
1
SoftStep
off
on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com