Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 5Page - STMicroelectronics TDA7402 Datasheet HTML 6Page - STMicroelectronics TDA7402 Datasheet HTML 7Page - STMicroelectronics TDA7402 Datasheet HTML 8Page - STMicroelectronics TDA7402 Datasheet HTML 9Page - STMicroelectronics TDA7402 Datasheet HTML 10Page - STMicroelectronics TDA7402 Datasheet HTML 11Page - STMicroelectronics TDA7402 Datasheet HTML 12Page - STMicroelectronics TDA7402 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
TDA7402
Electrical specifications
9/71
2
Electrical specifications
VS = 9V; Tamb = 25°C; RL = 10kΩ; all gains = 0dB; f = 1kHz; unless otherwise specified
Table 2.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Input selector
Rin
Input resistance
all single ended Inputs
70
100
130
k
Ω
VCL
Clipping level
2.2
2.6
VRMS
SIN
Input separation
80
100
dB
GIN MIN Min. input gain
-1
0
+1
dB
GIN MAX Max. input gain
13
15
17
dB
GSTEP
Step resolution
0.5
1
1.5
dB
VDC
DC steps
Adjacent gain steps
-5
1
5
mV
GMIN to GMAX
-10
6
10
mV
Voffset
Remaining offset with autozero
0.5
mV
Differential stereo inputs
Rin
Input resistance
(see
Figure 3)
Differential
70
100
130
k
Ω
GCD
Gain
only at true differential input
-1
0
1
dB
-5
-6
7
dB
-11
-12
-13
dB
CMRR
Common mode rejection ratio
VCM = 1VRMS @ 1kHz
46
70
dB
VCM = 1VRMS @ 10kHz
46
60
dB
eNO
Output-noise @ speaker outputs
20Hz - 20kHz, flat; all stages 0dB
9
15
µV
Differential mono inputs
Rin
Input impedance
Differential
40
56
72
k
Ω
CMRR
Common mode rejection ratio
VCM = 1VRMS @ 1kHz
40
70
dB
VCM = 1VRMS @ 10kHz
40
60
dB
Beep control
VRMS
Beep level
Mix-gain = 6dB
250
350
500
mV
fBeep
Beep frequency
fBeep1
570
600
630
Hz
fBeep2
740
780
820
Hz
fBeep1
1.48
1.56
1.64
kHz
fBeep1
2.28
2.4
2.52
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com