Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 7Page - STMicroelectronics TDA7402 Datasheet HTML 8Page - STMicroelectronics TDA7402 Datasheet HTML 9Page - STMicroelectronics TDA7402 Datasheet HTML 10Page - STMicroelectronics TDA7402 Datasheet HTML 11Page - STMicroelectronics TDA7402 Datasheet HTML 12Page - STMicroelectronics TDA7402 Datasheet HTML 13Page - STMicroelectronics TDA7402 Datasheet HTML 14Page - STMicroelectronics TDA7402 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
TDA7402
Electrical specifications
11/71
VTH high High threshold for SM Pin
2.5
V
RPU
Internal pull-up resistor
32
45
58
k
Ω
VPU
Internal pull-up voltage
3.3
V
Bass control
CRANGE Control range
+14
+15
+16
dB
ASTEP
Step resolution
0.5
1
1.5
dB
fC
Center frequency
fC1
54
60
66
Hz
fC2
63
70
77
Hz
fC3
72
80
88
Hz
fC4
81
90
99
Hz
fC5
90
100
110
Hz
fC6
117
130
143
Hz
fC7
135
150
165
Hz
fC8
180
200
220
Hz
QBASS
Quality factor
Q1
0.911.1
Q2
1.11.251.4
Q3
1.3
1.5
1.7
Q4
1.822.2
DCGAIN Bass-DC-gain
DC = off
-1
0
+1
dB
DC = on
4
4.4
6
dB
Treble control
CRANGE Control range
+14
+15
+16
dB
ASTEP
Step resolution
0.5
1
1.5
dB
fC
Center frequency
fC1
810
12
kHz
fC2
10
12.5
15
kHz
fC3
12
15
18
kHz
fC4
14
17.5
21
kHz
Pause detector(3)
VTH
Zero crossing threshold
Window 1
40
mV
Window 2
80
mV
Window 3
160
mV
IDELAY
Pull-up current
152535
μA
VTHP
Pause threshold
3.0
V
Table 2.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com