Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 43 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 39Page - STMicroelectronics TDA7402 Datasheet HTML 40Page - STMicroelectronics TDA7402 Datasheet HTML 41Page - STMicroelectronics TDA7402 Datasheet HTML 42Page - STMicroelectronics TDA7402 Datasheet HTML 43Page - STMicroelectronics TDA7402 Datasheet HTML 44Page - STMicroelectronics TDA7402 Datasheet HTML 45Page - STMicroelectronics TDA7402 Datasheet HTML 46Page - STMicroelectronics TDA7402 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
TDA7402
Functional description of stereo decoder
43/71
6.8
Stereo blend control
The stereo blend control block converts the internal LEVEL voltage (LEVELSB) into an
demodulator compatible analog signal which is used to control the channel separation
between 0dB and the maximum separation. Internally this control range has a fixed upper
limit which is the internal reference voltage REF5V. The lower limit can be programmed
between 20 and 70% of REF5V in 3.3% steps (see
Figure 31 and 32).
To adjust the external LEVEL voltage to the internal range two values must be defined: the
LEVEL gain LG and VSBL (see Figure 32). At the point of full channel separation the
external level signal has to be amplified that internally it becomes equal to REF5V. The
second point (e.g. 10dB channel sep.) is then adjusted with the VSBL voltage.
Figure 31.
Internal stereo blend characteristics
The gain can be programmed through 4 bits in the "Stereo decoder adjustment" byte. All
necessary internal reference voltages like REF5V are derived from a bandgap circuit.
Therefore they have a temperature co-efficient near zero.
Figure 32.
Relation between internal and external LEVEL voltages for setup of
stereo blend
6.9
Highcut control
The highcut control set-up is similar to the stereo blend control set up : the starting point
VHCH can be set with 2 bits to be 42, 50, 58 or 66% of REF5V whereas the range can be
set to be 17, 22, 28 or 33% of VHCH (see
Figure 33).
INTERNAL
VOLTAGES
t
D00AU1168
VSBL
REF 5V
SETUP OF VST
INTERNAL
VOLTAGES
t
20%
REF 5V
SETUP OF VMO
LEVEL
LEVEL INTERN
FIELDSTRENGHT VOLTAGE
VST
VMO
LEVEL INTERN
70%
VSBL
VST
VMO
FIELDSTRENGHT VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com