Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 62 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 58Page - STMicroelectronics TDA7402 Datasheet HTML 59Page - STMicroelectronics TDA7402 Datasheet HTML 60Page - STMicroelectronics TDA7402 Datasheet HTML 61Page - STMicroelectronics TDA7402 Datasheet HTML 62Page - STMicroelectronics TDA7402 Datasheet HTML 63Page - STMicroelectronics TDA7402 Datasheet HTML 64Page - STMicroelectronics TDA7402 Datasheet HTML 65Page - STMicroelectronics TDA7402 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
I2C bus interface
TDA7402
62/71
Table 31.
Noiseblanker II (24)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
1
PEAK charge current
low
high
0
0
1
1
0
1
0
1
Fieldstrength adjust
2.3V
1.8V
1.3V
OFF
0
0
1
1
0
1
0
1
Blank Time FM / AM
38µs / 1.2ms
25.5µs / 800µs
32µs / 1.0s
22µs / 640µs
0
0
1
1
0
1
0
1
Noise rectifier discharge resistor
R = infinite
RDC = 56k
RDC = 33k
RDC = 18k
0
1
Strong multipath influence on PEAK 18k
off
on (18k discharge if VMPout< 2.5V)
Table 32.
AM / FM noiseblanker (25)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Stereo decoder mode
FM
AM
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
AM rectifier gain
6dB
8dB
10dB
12dB
14dB
16dB
18dB
20dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com