Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 22Page - STMicroelectronics TDA7402 Datasheet HTML 23Page - STMicroelectronics TDA7402 Datasheet HTML 24Page - STMicroelectronics TDA7402 Datasheet HTML 25Page - STMicroelectronics TDA7402 Datasheet HTML 26Page - STMicroelectronics TDA7402 Datasheet HTML 27Page - STMicroelectronics TDA7402 Datasheet HTML 28Page - STMicroelectronics TDA7402 Datasheet HTML 29Page - STMicroelectronics TDA7402 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 71 page
background image
Audioprocessor part
TDA7402
26/71
4.10
Compander
Signal compression
A fully integrated signal compressor with programmable attack and decay times is present in
the A619 (see
Figure 17).
The compander consists of a signal level detection, an A/D Converter plus adder and the
normal softstep volume stage. First of all the left and the right InGain-signal is rectified,
respectively, and the logarithm is build from the summed signal. The following low-pass
smooth the output-signal of the logarithm amplifier and improves the low frequency
suppression. The low pass output-voltage then is A/D converted an added to the current
volume-word defined by the I2C bus. Assuming reference level or higher at the compander
input, the output of the ADC is 0. At lower levels the voltage is increasing with 1Bit/dB. It is
obvious that with this configuration and a 0.5dB-step volume stage the compression rate is
fixed to 2:1 (1dB less at the input leads to 0.5dB less at the output).
The internal reference level of the compander is programmable in three steps from 0.5VRMS
to 2VRMS. For a proper behavior of the compression circuit it is mandatory to have at a 0dB
input signal exactly the programmed reference level after the InGain-stage. E.g. at a
configured reference-level of 0.5VRMS the output of the InGain stage has to have also
0.5VRMS at 0dB source-signal (Usually the 0dB for CD is defined as the maximum possible
signal-level). To adapt the external level to the internal reference level the programmable
attenuation in the differential stages and the InGain can be used.
Figure 17.
Compander block diagram
4.10.1
Anti-clipping
In a second application the compander-circuit can be used for a anti-clipping or limiting
function. In this case one of the dedicated inputs (AM or MPin) is connected directly to the
clip-detector of the power-amplifier. if no clipping is detected, the open-collector output of
the power-amplifier is highohmic and the input-voltage of the rectifier is VREF. The level
detector interprets this as a very small signal and reacts with the maximum programmed
compander gain. In the application this gain has to be compensated by decreasing the
INL
INR
INL
INR
CLKATT
CLKREL
OUTL
OUTR
OUTL
8 Bit
SOFT STEP VOLUME
ADDER
IIC-BUS
VOLUME
CONTROL
D
-
+
A
+
OUTR
8 Bit
6 Bit
LOG
AMPL
INPUT
SELECT
ANTI-CLIP
ENABLE
CLPIN
RIN
LIN
AM
MPIN
50Hz LOW-PASS
STEREO FULL
WAVE RECTIFIER
D00AU1147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com