Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 17Page - STMicroelectronics TDA7402 Datasheet HTML 18Page - STMicroelectronics TDA7402 Datasheet HTML 19Page - STMicroelectronics TDA7402 Datasheet HTML 20Page - STMicroelectronics TDA7402 Datasheet HTML 21Page - STMicroelectronics TDA7402 Datasheet HTML 22Page - STMicroelectronics TDA7402 Datasheet HTML 23Page - STMicroelectronics TDA7402 Datasheet HTML 24Page - STMicroelectronics TDA7402 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
TDA7402
Audioprocessor part
21/71
4.4
SoftMute
The digitally controlled SoftMute stage allows muting/demuting the signal with a I2C bus
programmable slope. The mute process can either be activated by the SoftMute pin or by
the I2C-bus. This slope is realized in a special S-shaped curve to mute slow in the critical
regions (see
Figure 7).
For timing purposes the Bit0 of the I2C bus output register is set to 1 from the start of muting
until the end of de-muting.
Figure 7.
Softmute timing
Note:
Please notice that a started mute action is always terminated and could not be interrupted
by a change of the mute -signal.
4.5
SoftStep volume
When the volume level is changed audible clicks could appear at the output. The root cause
of those clicks could either be a DC offset before the volume stage or the sudden change of
the envelope of the audiosignal. With the SoftStep feature both kinds of clicks could be
reduced to a minimum and are no more audible. The blend time from one step to the next is
programmable in four steps.
Figure 8.
SoftStep timing
1
EXT.
MUTE
+SIGNAL
REF
-SIGNAL
1
I
2C BUS
OUT
Time
D97AU634
1dB
0.5dB
-0.5dB
-1dB
Time
D00AU1170
VOUT
SS Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com