Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 14Page - STMicroelectronics TDA7402 Datasheet HTML 15Page - STMicroelectronics TDA7402 Datasheet HTML 16Page - STMicroelectronics TDA7402 Datasheet HTML 17Page - STMicroelectronics TDA7402 Datasheet HTML 18Page - STMicroelectronics TDA7402 Datasheet HTML 19Page - STMicroelectronics TDA7402 Datasheet HTML 20Page - STMicroelectronics TDA7402 Datasheet HTML 21Page - STMicroelectronics TDA7402 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
Audioprocessor part
TDA7402
18/71
4.1.3
Mono differential Input 1 (MD1)
The MD1 input is designed as a basic differential stage with 56k
Ω input impedance. This
input is configurable as a single ended stereo input (see pin-out).
4.1.4
Mono differential Input 2 (MD2)
The MD2 input has the same topology as MD1, but without the possibility to configure it to
single ended.
4.1.5
Single ended stereo Input (SE1), single ended mono input (AM) and
FM-MPX input
All single ended inputs offer an input impedance of 100k
Ω. The AM pin can be connected by
software to the input of the stereo-decoder in order to use the AM noiseblanker and AM High
Cut feature.
4.2
AutoZero
The AutoZero allows a reduction of the number of pins as well as external components by
canceling any offset generated by or before the In-Gain-stage (Please notice that externally
generated offsets, e.g. generated through the leakage current of the coupling capacitors,
are not canceled).
The auto zeroing is started every time the DATA-BYTE 0 is selected and needs max. 0.3ms
for the alignment. To avoid audible clicks the Audioprocessor is muted before the loudness
stage during this time. The AutoZero feature is only present in the main signal path.
4.2.1
AutoZero for stereo decoder selection
A special procedure is recommended for selecting the stereo decoder at the main input-
selector to guarantee an optimum offset cancellation:
1.
SoftMute or Mute the signal-path
2.
Temporary deselect the stereo decoder at all input selectors
3.
Configure the stereo decoder via IIC-Bus
4.
Wait 1ms
5.
Select the stereo decoder at the main input selector first
The root cause of this procedure is, that after muting the stereo decoder (Step 1), the
internal stereo decoder filters have to settle in order to perform a proper offset cancellation.
4.2.2
AutoZero remain
In some cases, for example if the µP is executing a refresh cycle of the I2C Bus
programming, it is not useful to start a new AutoZero action because no new source is
selected and an undesired mute would appear at the outputs. For such applications the
A619 could be switched in the AutoZero Remain Mode (Bit 6 of the subaddress byte). If
this bit is set to high, the DATABYTE 0 could be loaded without invoking the AutoZero and
the old adjustment value remains.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com