Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 48 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 44Page - STMicroelectronics TDA7402 Datasheet HTML 45Page - STMicroelectronics TDA7402 Datasheet HTML 46Page - STMicroelectronics TDA7402 Datasheet HTML 47Page - STMicroelectronics TDA7402 Datasheet HTML 48Page - STMicroelectronics TDA7402 Datasheet HTML 49Page - STMicroelectronics TDA7402 Datasheet HTML 50Page - STMicroelectronics TDA7402 Datasheet HTML 51Page - STMicroelectronics TDA7402 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
Functional description of the multipath detector
TDA7402
48/71
8.2
Testmode
During the testmode, which can be activated by setting bit D0 and bit D1 of the stereo
decoder testing byte, several internal signals are available at the FD2R+ pin. During this
mode the input resistance of 100kOhm is disconnected from the pin. The internal signals
available are shown in the Data byte specification.
8.3
Dual MPX usage
8.3.1
Feature description
The A619 is able to support a twin tuner concept via the Dual MPX Mode. In this
configuration the MPX pin and the MD2G pin are acting as MPX1 and MPX2 inputs. The DC
voltage at the MD2 pin controls whether one or both MPX signals are used to decode the
stereo FM signal. It is designed as a window comparator with the characteristic shown in
Figure 3 (Please note that the thresholds have a hysteresis of 500mV).
In this mode the stereo decoder high ohmic-mute mutes both inputs in parallel.
Figure 36.
Dual MPX input diagram
8.3.2
Configuration
The Dual MPX mode can be easily configured by setting bit 3 of subaddress 30 to LOW (see
Byte 30 description and application diagram of
Figure 38).
CONTROL
CIRCUITRY
INGAIN
100K
40K
40K
100K
3.5...11dB
step 2.5dB
MPX/
MPX1
D00AU1167
1
MD2G/
MPX2
MD2/
CONTROL
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com