Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 31Page - STMicroelectronics TDA7402 Datasheet HTML 32Page - STMicroelectronics TDA7402 Datasheet HTML 33Page - STMicroelectronics TDA7402 Datasheet HTML 34Page - STMicroelectronics TDA7402 Datasheet HTML 35Page - STMicroelectronics TDA7402 Datasheet HTML 36Page - STMicroelectronics TDA7402 Datasheet HTML 37Page - STMicroelectronics TDA7402 Datasheet HTML 38Page - STMicroelectronics TDA7402 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
TDA7402
Stereo decoder part
35/71
5.3
Notes about the characteristics
5.3.1
Intermodulation suppression
measured with: 91% pilot signal; fm = 10kHz or 13kHz.
5.3.2
Traffic radio (V.F.) suppression
measured with: 91% stereo signal; 9% pilot signal; fm=1kHz; 5% subcarrier
(f=57kHz, fm=23Hz AM, m=60%)
5.3.3
SCA (subsidiary communications authorization)
measured with: 81% mono signal; 9% pilot signal; fm=1kHz; 10%SCA - subcarrier
( f
S = 67kHz, unmodulated ).
Intermodulation (Note 2.3.1)
α2
fmod=10kHz, fspur=1kHz
65
dB
α3
fmod=13kHz, fspur=1kHz
75
dB
Traffic Radio (Note 2.3.2)
α57
Signal f=57kHz
70
dB
SCA - Subsidiary Communications Authorization (Note 2.3.3)
α67
Signal f = 67kHz
75
dB
ACI - Adjacent Channel Interference (Note 2.3.4)
α114
Signal f=114kHz
95
dB
α190
Signal f=190kHz
84
dB
Table 7.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
α2
V
O sign al
() at1kHz
()
V
O spurious
() at1kHz
()
---------------------------------------------------------------- f
s
;
210kHz
() 19kHz
==
α3
V
O sign al
() at1kHz
()
V
O spurious
() at1kHz
()
---------------------------------------------------------------- f
s
;
313kHz
() 38kHz
==
α57 V.W.F
()
V
O sig nal
() at1kHz
()
V
O sp urious
() at1kHz 23kHz
±
()
-----------------------------------------------------------------------------------------
=
α67
V
O sign al
() at1kHz
()
V
O spurious
() at1kHz
()
---------------------------------------------------------------- f
s
;
238kHz
() 67kHz
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com