Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 15Page - STMicroelectronics TDA7402 Datasheet HTML 16Page - STMicroelectronics TDA7402 Datasheet HTML 17Page - STMicroelectronics TDA7402 Datasheet HTML 18Page - STMicroelectronics TDA7402 Datasheet HTML 19Page - STMicroelectronics TDA7402 Datasheet HTML 20Page - STMicroelectronics TDA7402 Datasheet HTML 21Page - STMicroelectronics TDA7402 Datasheet HTML 22Page - STMicroelectronics TDA7402 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
TDA7402
Audioprocessor part
19/71
4.3
Pause detector / MUX-output
The pin number 40 (Pause/MUX) is configurable for two different functions:
1.
During pause detector OFF this pin is used as a mono output of the main input selector.
This signal is often used to drive a level/equalizer display on the car radio front panel.
2.
During pause detector ON the pin is used to define the time constant of the detector by
an external capacitor. The pause detector is driven by the internal stereo decoder
outputs in order to use pauses in the FM signal for alternate frequency jumps. If the
signal level of both stereo decoder channels is outside the programmed voltage
window, the external capacitor is abruptly discharged. Inside the pause condition the
capacitor is slowly recharged by a constant current of 25µA. The pause information is
also available via I2C Bus (see I2C Bus programming).
4.3.1
Loudness
There are four parameters programmable in the loudness stage:
4.3.2
Attenuation
Figure 4 shows the attenuation as a function of frequency at f
P = 400Hz
Figure 4.
Loudness attenuation @ fP = 400Hz.
dB
Hz
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
10.0
100.0
1.0K
10.0K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com