Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 47 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 43Page - STMicroelectronics TDA7402 Datasheet HTML 44Page - STMicroelectronics TDA7402 Datasheet HTML 45Page - STMicroelectronics TDA7402 Datasheet HTML 46Page - STMicroelectronics TDA7402 Datasheet HTML 47Page - STMicroelectronics TDA7402 Datasheet HTML 48Page - STMicroelectronics TDA7402 Datasheet HTML 49Page - STMicroelectronics TDA7402 Datasheet HTML 50Page - STMicroelectronics TDA7402 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 71 page
background image
TDA7402
Functional description of the multipath detector
47/71
8
Functional description of the multipath detector
Using the multipath detector the audible effects of a multipath condition can be minimized. A
multipath condition is detected by rectifying the spectrum around 19kHz in the fieldstrength
signal. An external capacitor is used to define the attack and decay times for the stereo
blend (see block diagram,
Figure 34). Due to the very small charge currents this capacitor
should be a low leakage current type (e.g ceramic). Using this configuration an adaptation to
the user's requirement is possible without effecting the "normal" fieldstrength input (level) for
the stereo decoder. This application is given in
Figure 34. Another (internal) time constant is
used to control the Highcut through the multipath detector
Selecting the "internal influence" in the configuration byte the stereo-blend and/or the
highcut is automatically invoked during a multipath condition according to the voltage
appearing at the MP_OUT pin.
Figure 35.
Block diagram of the multipath detector
8.1
Quality detector
The A619 offers a quality detector output which gives a voltage representing the FM
reception conditions. To calculate this voltage the MPX-noise and the multipath-detector
output are summed according to the following formula :
VQual = 1.6 (VNoise-0.8 V)+ a (REF5V-VMpout).
The noise-signal is the PEAK signal without additional influences (see the noiseblanker
description). The factor 'a' can by programmed to 0.7 .... 1.15. The output is a low
impedance output able to drive external circuitry as well as simply fed to an AD converter for
RDS applications.
INT.
INFLUENCE
CHARGE
0.25
μA/0.5μA
FAST
CHARGE
300
μA
LEVEL
D00AU1166
LOWPASS
2.2KHz
BANDPASS
19KHz
RECTIFIER
SHIFT
0 ... 1.5V
LOWPASS
100Hz
=
=
LOWPASS
53KHz
INT.
INFLUENCE
MP HOLD
GAIN 2 bits
GAIN 2 bits
MP_IN
to HCC
to SB
470nF
MP_OUT
VDD
VDD
=
VDD
High-Cut-Infl.
Attach<500
μs
Decay=2/10ms
Stereoblend-Infl.
Attach=1ms
Decay=4/8s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com