Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7402 Datasheet(PDF) 58 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 54Page - STMicroelectronics TDA7402 Datasheet HTML 55Page - STMicroelectronics TDA7402 Datasheet HTML 56Page - STMicroelectronics TDA7402 Datasheet HTML 57Page - STMicroelectronics TDA7402 Datasheet HTML 58Page - STMicroelectronics TDA7402 Datasheet HTML 59Page - STMicroelectronics TDA7402 Datasheet HTML 60Page - STMicroelectronics TDA7402 Datasheet HTML 61Page - STMicroelectronics TDA7402 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 71 page
background image
I2C bus interface
TDA7402
58/71
0
1
Main loudness
flat
Filter ON
0
1
Second loudness
flat
Filter ON
0
0
1
1
0
1
0
1
Front speaker
not allowed
Second source internal coupled
Main source AC coupled
Main source internal coupled
0
0
1
1
0
1
0
1
Rear speaker
not allowed
Second source internal coupled
Main source AC coupled
Main source internal coupled
Table 26.
Configuration audioprocessor II (13)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Pause detector
off
on
0
0
1
1
0
1
0
1
Pause ZC window
160mV
80mV
40mV
not allowed
0
1
FD1 mode
single ended
differential
0
0
1
1
0
1
0
1
FD1 attenuation
-12dB
-6dB
-6dB
0dB
Table 25.
Configuration audioprocessor I (12) (continued)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com